Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 87Page - National Semiconductor (TI) PC97307 Datasheet HTML 88Page - National Semiconductor (TI) PC97307 Datasheet HTML 89Page - National Semiconductor (TI) PC97307 Datasheet HTML 90Page - National Semiconductor (TI) PC97307 Datasheet HTML 91Page - National Semiconductor (TI) PC97307 Datasheet HTML 92Page - National Semiconductor (TI) PC97307 Datasheet HTML 93Page - National Semiconductor (TI) PC97307 Datasheet HTML 94Page - National Semiconductor (TI) PC97307 Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 218 page
background image
91
www.national.com
TABLE 5-12. Typical Gap 3 Values
FIGURE 5-20. IBM, Perpendicular, and ISO Formats Supported by the FORMAT TRACK Command
a. Gap 2 is specified in the command phase of read, write, scan, and verify commands. Although this is the recom-
mended value, the FDC ignores this byte in read, write, scan and verify commands.
b. Gap 3 is the suggested value for use in the FORMAT TRACK command. This is the programmable Gap 3 illus-
trated in Figure 5-20.
Drive Type and
Data Transfer
Rate
Bytes in Data
Field (decimal)
Bytes-Per-Sector
Code (hex)
End of Track (EOT)
Sector # (hex)
Bytes in Gap 2 a
(hex)
Bytes in Gap 3 b
(hex)
256
01
12
0A
0C
256
01
10
20
32
250 Kbps
512
02
08
2A
50
MFM
512
02
09
2A
50
1024
03
04
80
F0
2048
04
02
C8
FF
4096
05
01
C8
FF
500 Kbps
256
01
1A
0E
36
MFM
512
02
0F
1B
54
512
02
12
1B
6C
1024
03
08
35
74
2048
04
04
99
FF
4096
05
02
C8
FF
8192
06
01
C8
FF
Gap 0
80 of
4E
SYNC
12 of
00
IAM
3 of
C2* FC
Gap 1
50 of
4E
AM
3 of
A1*
FE
T
r
a
c
k
H
e
a
d
S
e
c
t
o
r
#
B
y
t
e
s
C
R
C
Gap 2
22 of
4E
SYNC
12 of
00
SYNC
12 of
00
AM
3 of
A1*
C
R
C
Data
Gap 3
Program-
able
Gap 4
FB
or
F8
Gap 0
80 of
4E
SYNC
12 of
00
IAM
3 of
C2* FC
Gap 1
50 of
4E
AM
3 of
A1*
FE
T
r
a
c
k
H
e
a
d
S
e
c
t
o
r
#
B
y
t
e
s
C
R
C
Gap 2
41 of
4E
SYNC
12 of
00
SYNC
12 of
00
AM
3 of
A1*
C
R
C
Data
Gap 3
Program-
able
Gap 4
FB
or
F8
Gap 1
32 of
4E
AM
3 of
A1*
FE
T
r
a
c
k
H
e
a
d
S
e
c
t
o
r
#
B
y
t
e
s
C
R
C
Gap 2
22 of
4E
SYNC
12 of
00
SYNC
12 of
00
AM
3 of
A1*
C
R
C
Data
Gap 3
Program-
able
Gap 4
FB
or
F8
Index Pulse
IBM
Format
(MFM)
Perpendicular
Format
ISO
Format
(MFM)
Index
Field
Address Field
Data Field
Repeated for each sector
A1* = Data Pattern of A1, Clock Pattern of 0A. All other data rates use gap 2 = 22 bytes.
C2* = Data Pattern of C2, Clock Pattern of 14
Toshiba
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com