Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 84Page - National Semiconductor (TI) PC97307 Datasheet HTML 85Page - National Semiconductor (TI) PC97307 Datasheet HTML 86Page - National Semiconductor (TI) PC97307 Datasheet HTML 87Page - National Semiconductor (TI) PC97307 Datasheet HTML 88Page - National Semiconductor (TI) PC97307 Datasheet HTML 89Page - National Semiconductor (TI) PC97307 Datasheet HTML 90Page - National Semiconductor (TI) PC97307 Datasheet HTML 91Page - National Semiconductor (TI) PC97307 Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 218 page
background image
88
www.national.com
WLD Wildcard bit in the MODE command used to enable
or disable the wildcard byte (FFh) during scan com-
mands.
WNR Write Number controls whether to read an existing
track number or to write a new one in the SET
TRACK command.
5.7.2
The CONFIGURE Command
The CONFIGURE command controls some operation
modes of the controller. It should be issued during the ini-
tialization of the FDC after power up.
The bits in the CONFIGURE registers are set to their default
values after a hardware reset.
Command Phase
Third Command Phase Byte
Bits 3-0 - The FIFO Threshold (THRESH)
These bits specify the threshold of the FIFO during the
execution phase of read and write data transfers.
This value is programmable from 00h to 0Fh. A software
reset sets this value to 00 if the LOCK bit (bit 7 of the op-
code of the LOCK command) is 0. If the LOCK bit is 1,
THRESH retains its value.
Use a high value of THRESH for systems that respond
slowly and a low value for fast systems.
Bit 4 - Disable Drive Polling (POLL)
This bit enables and disabled drive polling. A software
reset clears this bit to 0.
When drive polling is enabled, an interrupt is generated
after a reset.
When drive polling is disabled, if the CONFIGURE com-
mand is issued within 500 msec of a hardware or soft-
ware reset, then an interrupt is not generated. In
addition, the four SENSE INTERRUPT commands to
clear the Ready Changed State of the four logical drives
is not required.
0 - Enable drive polling. (Default)
1 - Disable drive polling.
Bit 5 - Enable FIFO (FIFO)
This bit enables and disables the FIFO for execution
phase data transfers.
If the LOCK bit (bit 7 of the opcode of the LOCK com-
mand) is 0, a software reset disables the FIFO, i.e., sets
this bit to 1.
If the LOCK bit is 1, this bit retains its previous value af-
ter a software reset.
0 - FIFO enabled for read and write operations.
1 - FIFO disabled. (Default)
76543210
00010011
00000000
0
EIS
FIFO POLL
Threshold (THRESH)
Precompensation Track Number (PRETRK)
Bit 6 - Enable Implied Seeks (EIS)
This bit enables or disables implied seek operations. A
software reset disables implied seeks, i.e., clears this bit
to 0.
Bit 5 of the MODE command (Implied Seek (IPS) can
override the setting of this bit and enable implied seeks
even if they are disabled by this bit.
When implied seeks are enabled, a seek or sense inter-
rupt operation is performed before execution of the
read, write, scan, or verify operation.
0 - Implied seeks disabled. The MODE command can
still enable implied seek operations. (Default)
1 - Implied seeks enabled for read, write, scan and
VERIFY operations, regardless of the value of the
IPS bit in the MODE command.
Fourth Command Phase Byte, Bits 7-0,
Precompensation Track Number (PRETRK)
This byte identifies the starting track number for write
precompensation. The value of this byte is programma-
ble from track 0 (00h) to track 255 (FFh).
If the LOCK bit (bit 7 of the opcode of the LOCK com-
mand) is 0, after a software reset this byte indicates
track 0 (00h).
If the LOCK bit is 1, PRETRK retains its previous value
after a software reset.
Execution Phase
Internal registers are written.
Result Phase
None.
5.7.3
The DUMPREG Command
The DUMPREG command supports system run-time diag-
nostics, and application software development and debug-
ging.
DUMPREG has a one-byte command phase (the opcode)
and a 10-byte result phase, which returns the values of pa-
rameters set in other commands. See the commands that
set each parameter for a detailed description of the param-
eter.
Command Phase
Execution Phase
Internal registers read.
Result Phase
After a hardware or software reset, parameters in this phase
are reset to their default values. Some of these parameters
are unaffected by a software reset, depending on the state
of the LOCK bit.
See the command that determines the setting for the bit or
field for details.
76543210
00001110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com