Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 69Page - National Semiconductor (TI) PC97307 Datasheet HTML 70Page - National Semiconductor (TI) PC97307 Datasheet HTML 71Page - National Semiconductor (TI) PC97307 Datasheet HTML 72Page - National Semiconductor (TI) PC97307 Datasheet HTML 73Page - National Semiconductor (TI) PC97307 Datasheet HTML 74Page - National Semiconductor (TI) PC97307 Datasheet HTML 75Page - National Semiconductor (TI) PC97307 Datasheet HTML 76Page - National Semiconductor (TI) PC97307 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 218 page
background image
73
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
Bit 4- Motor Enable 0
If four drives are supported (bit 7 of the SuperI/O FDC
Configuration register at index F0h is 1), this bit may
control the motor output signal for drive 0, depending on
the remaining bits of this register. See Table 5-2.
If two drives are supported (bit 7 of the SuperI/O FDC
Configuration register at index F0h is 0), this bit controls
the motor output signal for drive 0.
0 - The motor signal for drive 0 is not active.
1 - The motor signal for drive 0 is active.
Bit 5 - Motor Enable 1
If four drives are supported (bit 7 of the SuperI/O FDC
Configuration register at index F0h is 1), this bit may
control the motor output signal for drive 0, depending on
the remaining bits of this register. See Table 5-2.
If two drives are supported (bit 7 of the SuperI/O FDC
Configuration register at index F0h is 0), this bit controls
the motor output signal for drive 1.
0 - The motor signal for drive 1 is not active.
1 - The motor signal for drive 1 is active.
Bit 6 - Motor Enable 2
If drives 2 and 0 are exchanged (see logical drive ex-
change bits 3,2 of TDR on page 74), or if four drives are
supported (bit 7 of the SuperI/O FDC Configuration reg-
ister at index F0h is 1), this bit controls the motor output
signal for drive 2. See Table 5-2.
0 - The motor signal for drive 2 is not active.
1 - The motor signal for drive 2 is active.
Bit 7 - Motor Enable 3
If four drives are supported (bit 7 of the SuperI/O FDC
Configuration register at index F0h is 1), this bit may
control the motor output signal for drive 3, depending on
the remaining bits of this register. See Table 5-2.
0 - The motor signal for drive 3 is not active.
1 - The motor signal for drive 3 is active.
5.3.4
Tape Drive Register (TDR), Offset 03h
The TDR register is a read/write register that acts as the
Floppy Disk Controller’s (FDC) media and drive type regis-
ter.
The TDR functions differently, depending on the mode set
by bit 6 the SuperI/O FDC Configuration register at index
F0h. See “Bit 6 - TDR Register Mode” on page 37.
AT Compatible TDR Mode
In this mode, the TDR assigns a drive number to the tape
drive support mode of the data separator. All other logical
drives can be assigned as floppy drive support. Bits 7-2 are
in TRI-STATE during read operations.
Enhanced TDR Mode
In this mode, all the bits of the TDR define operations with
PS/2 floppy disk drives.
FIGURE 5-8. TDR Register Bitmap, AT Compatible
TDR Mode
FIGURE 5-9. TDR Register Bitmap, Enhanced TDR
Mode
76543210
Reset
Required
0
0
1
Tape Drive
Register (TDR)
Offset 03h
Tape Drive Select 1,0
AT Compatible TDR Mode
TRI-STATE During Read Operations
Not Used
76543210
Reset
Required
0
0
1
Tape Drive
Register (TDR)
Offset 03h
High Density
Extra Density
Tape Drive Select 1,0
Logical Drive Exchange
Enhanced TDR Mode
Drive ID1 Information
Drive ID0 Information
TABLE 5-4. TDR Bit Utilization and Reset Values in Different Drive Modes
TDR Mode
Bit 6 of SuperI/O
FDC Configuration
Register
Bits of TDR
Extra
Density
High
Density
Drive ID1 Drive ID0
Logical Drive
Exchange
Drive Select
7654
3
2
1
0
AT Compatible
0
Not used. Floated in TRI-STATE during read operations.
0
0
Enhanced
1
Not Reset Not Reset
1
1
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com