Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 93 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 93 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 89Page - National Semiconductor (TI) PC97307 Datasheet HTML 90Page - National Semiconductor (TI) PC97307 Datasheet HTML 91Page - National Semiconductor (TI) PC97307 Datasheet HTML 92Page - National Semiconductor (TI) PC97307 Datasheet HTML 93Page - National Semiconductor (TI) PC97307 Datasheet HTML 94Page - National Semiconductor (TI) PC97307 Datasheet HTML 95Page - National Semiconductor (TI) PC97307 Datasheet HTML 96Page - National Semiconductor (TI) PC97307 Datasheet HTML 97Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 218 page
background image
93
www.national.com
Bits 3,2 - Low-Power Mode (LOW PWR)
These bits determine whether or not the FDC powers
down and, if it does, they specific how long it will take.
These bits disable power down, i.e., are cleared to 0, af-
ter a software reset.
00 - Disables power down. (Default)
01 - Automatic power down.
At a 500 Kbps data transfer rate, the FDC goes into
low-power mode 512 msec after it becomes idle.
At a 250 Kbps data transfer rate, the FDC goes into
low-power mode 1 second after it becomes idle.
10 - Manual power down.
The FDC powers down mode immediately.
11 - Not used.
Bit 5 - Implied Seek (IPS)
This bit determines whether the Implied Seek (IPS) bit
in a command phase byte of a read, write, scan, or verify
command is ignored or READ.
A software reset clears this bit to its default value of 0.
0 - The IPS bit in the command byte of a read, write,
scan, or verify is ignored. (Default)
Implied seeks can still be enabled by the Enable
Implied Seeks (EIS) bit (bit 6 of the third command
phase byte) in the CONFIGURE command.
1 - The IPS bit in the command byte of a read, write,
scan, or verify is read.
If it is set to 1, the controller performs seek and
sense interrupt operations before executing the
command.
Bit 6 - Index Address Format (IAF)
This bit determines whether the controller formats
tracks with or without an index address field.
A software reset clears this bit to its default value of 0.
0 - The controller formats tracks with an index address
field. (IBM and Toshiba Perpendicular format).
1 - The controller formats tracks without an index ad-
dress field. (ISO format).
Bit 7 - Motor Timer Values (TMR)
This bit determines which group of values to use to cal-
culate the Delay Before Processing and Delay After Pro-
cessing times. The value of each is programmed using
the SPECIFY command, which is described on page
105 and in Tables 5-24 and 5-25.
A software reset clears this bit to its default value of 0.
0 - Use the TMR = 0 group of values. (Default)
1 - Use the TMR = 1 group of values.
Third Command Phase Byte
Bit 4 - RECALIBRATE Step Pulses (R255)
This bit determines the maximum number of RECALI-
BRATE step pulses the controller issues before termi-
nating with an error, depending on the value of the
Extended Track Range (ETR) bit, i.e., bit 0 of the sec-
ond command phase byte in the MODE command.
A software reset clears this bit to its default value of 0.
0 - If ETR (bit 0) = 0, the controller issues a maximum
of 85 recalibration step pulses.
If ETR (bit 0) = 1, the controller issues a maximum
of 3925 recalibration step pulses. (Default)
1 - If ETR (bit 0) = 0, the controller issues a maximum
of 255 recalibration step pulses.
If ETR (bit 0) = 1, the controller issues a maximum
of 4095 recalibration step pulses.
Bit 5 - Burst Mode Disable (BST)
This bit enables or disables burst mode, if the FIFO is
enabled (bit 5 in the CONFIGURE command is 0). If the
FIFO is not enabled in the CONFIGURE command, then
the value of this bit is ignored.
A software reset enables burst mode, i.e., clears this bit
to its default value of 0, if the LOCK bit (bit 7 of the op-
code of the LOCK command) is 0. If it is 1, BST retains
its value after a software reset.
0 - Burst mode enabled for FIFO execution phase data
transfers. (Default)
1 - Burst mode disabled.
The FDC issues one DRQ or IRQ6 pulse for each
byte to be transferred while the FIFO is enabled.
Bit 6 - FIFO Read Disable (FRD)
This bit enables or disables the FIFO for microprocessor
read transfers from the controller, if the FIFO is enabled
(bit 5 in the CONFIGURE command is 0). If the FIFO is
not enabled in the CONFIGURE command, then the val-
ue of this bit is ignored.
A software reset enables the FIFO for reads, i.e., clears
this bit to its default value of 0, if the LOCK bit (bit 7 of
the opcode of the LOCK command) is 0. If it is 1, FRD
retains its value after a software reset.
0 - Enable FIFO. Execution phase of microprocessor
read transfers use the internal FIFO. (Default)
1 - Disable FIFO. All read data transfers take place
without the FIFO.
Bit 7 - FIFO Write Enable or Disable (FWR)
This bit enables or disables write transfers to the con-
troller, if the FIFO is enabled (bit 5 in the CONFIGURE
command is 0). If the FIFO is not enabled in the CON-
FIGURE command, then the value of this bit is ignored.
A software reset enables the FIFO for writes, i.e., clears
this bit to its default value of 0, if the LOCK bit (bit 7 of
the opcode of the LOCK command) is 0. If it is 1, FWR
retains its value after a software reset.
0 - Enable FIFO. Execution phase microprocessor
write transfers use the internal FIFO. (Default)
1 - Disable FIFO. All write data transfers take place
without the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com