Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 85Page - National Semiconductor (TI) PC97307 Datasheet HTML 86Page - National Semiconductor (TI) PC97307 Datasheet HTML 87Page - National Semiconductor (TI) PC97307 Datasheet HTML 88Page - National Semiconductor (TI) PC97307 Datasheet HTML 89Page - National Semiconductor (TI) PC97307 Datasheet HTML 90Page - National Semiconductor (TI) PC97307 Datasheet HTML 91Page - National Semiconductor (TI) PC97307 Datasheet HTML 92Page - National Semiconductor (TI) PC97307 Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 218 page
background image
89
www.national.com
First through Fourth Result Phase Bytes, Bits 7-0,
Present Track Number (PTR) Drives 3-0
Each of these bytes contains either the internal 8-bit
track number or the least significant byte of the 12-bit
track number of the corresponding logical disk drive.
Fifth and Sixth Result Phase Bytes, Bits 7-0,
Step Rate Time, Motor Off Time, Motor On Time and
DMA
These fields are all set by the SPECIFY command. See
Section 5.7.21 on page 105.
Seventh Result Phase Byte -
Sectors Per Track or End of Track (EOT)
This byte varies depending on what commands have
been previously executed.
If the last command issued was a FORMAT TRACK
command, and no read or write commands have been
issued since then, this byte contains the sectors per
track value.
If a read or a write command was executed more recent-
ly than a FORMAT TRACK command, this byte speci-
fies the number of the sector at the End of the Track
(EOT).
Eighth Result Phase Byte
Bits 5-0 - DC3-0, GDC
Bits 5-0 of the second command phase byte of the PER-
PENDICULAR MODE command set bits 5-0 of this byte.
See page 95.
Bit 7 - LOCK
This bit controls how the other bits in this command re-
spond to a software reset. See page 92.
The value of this is determined by bit 7 of the opcode of
the LOCK command.
0 -Bits in this command are set to their default values
after a software reset. (Default)
1 - Bits in this command are unaffected by a software
reset.
76543210
Byte of Present Track Number (PTR) Drive 0
Byte of Present Track Number (PTR) Drive 1
Byte of Present Track Number (PTR) Drive 2
Byte of Present Track Number (PTR) Drive 3
Step Rate Time (SRT)
Delay After Processing
Delay Before Processing
DMA
Sectors per Track or End of Track (EOT) Sector #
LOCK
0
DC3
DC2
DC1
DC0
GDC
0
EIS
FIFO POLL
THRESH
Precompensation Track Number (PRETRK)
Ninth and Tenth Result Phase Bytes
These bytes reflect the values in the third and fourth
command phase bytes of the CONFIGURE command.
See page 88.
5.7.4
The FORMAT TRACK Command
This command formats one track on the disk in IBM, ISO, or
Toshiba perpendicular format.
After a pulse from the INDEX signal is detected, data pat-
terns are written on the disk including all gaps, Address
Marks (AMs), address fields and data fields. See Figure
5-20.
The format of the track is determined by the following pa-
rameters:
• The MFM bit in the opcode (first command) byte, which
indicates the type of the disk drive and the data transfer
rate and determines the format of the address marks
and the encoding scheme.
• The Index Address Format (IAF) bit (bit 6 in the second
command phase byte) in the MODE command, which
selects IBM or ISO format.
• The Group Drive Configuration (GDC) bits in the PER-
PENDICULAR MODE command, which select either
conventional or Toshiba perpendicular format.
• A bytes-per-sector code, which determines the sector
size. See Table 5-11 on page 90.
• A sectors per track parameter, which specifies how
many sectors are formatted on the track.
• The data pattern byte, which is used to fill the data field
of each sector.
Table 5-10 shows typical values for these parameters for
specific PC compatible diskettes.
To allow flexible formatting, the microprocessor must sup-
ply the four address field bytes (track number, head num-
ber, sector number, bytes-per-sector code) for each sector
formatted during the execution phase. This allows non-se-
quential sector interleaving.
This transfer of bytes from the microprocessor to the con-
troller can be done in DMA or non-DMA mode (See Section
5.4.2 on page 78), with the FIFO enabled or disabled.
The FORMAT TRACK command terminates when a pulse
from the INDEX signal is detected a second time, at which
point an interrupt is generated.
Command Phase
76543210
0
MFM
001101
XXXXX
HD
DS1
DS0
Bytes-Per-Sector Code
Sectors per Track
Bytes in Gap 3
Data Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com