Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 78Page - National Semiconductor (TI) PC97307 Datasheet HTML 79Page - National Semiconductor (TI) PC97307 Datasheet HTML 80Page - National Semiconductor (TI) PC97307 Datasheet HTML 81Page - National Semiconductor (TI) PC97307 Datasheet HTML 82Page - National Semiconductor (TI) PC97307 Datasheet HTML 83Page - National Semiconductor (TI) PC97307 Datasheet HTML 84Page - National Semiconductor (TI) PC97307 Datasheet HTML 85Page - National Semiconductor (TI) PC97307 Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 218 page
background image
82
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
Bit 1 - Drive Write Protected
When a write or format command is issued, this bit indi-
cates whether or not the selected drive is write protect-
ed, i.e., the WP signal is active.
0 - Selected drive is not write protected, i.e., WP is not
active.
1 - Selected drive is write protected, i.e., WP is active.
Bit 2 - Missing Data
This bit indicates whether or not data is missing for one
of the following reasons:
— Controller cannot find the sector specified in the
command phase during the execution of a read,
write, scan, or VERIFY command. An Address Mark
(AM) was found however, so it is not a blank disk.
— Controller cannot read any address fields without a
CRC error during a READ ID command.
— Controller cannot find starting sector during execu-
tion of READ A TRACK command.
0 - Data is not missing for one of these reasons.
1 - Data is missing for one of these reasons.
Bit 3 - Not Used
This bit is not used and is always 0.
Bit 4 - Overrun or Underrun
This bit indicates whether or not the FDC was serviced
by the microprocessor soon enough during a data trans-
fer in the execution phase. For read operations, this bit
indicates a data overrun. For write operations, it indi-
cates a data underrun.
0 - FDC was serviced in time.
1 - FDC was not serviced fast enough. Overrun or un-
derrun occurred.
Bit 5 - CRC Error
This bit indicates whether or not the FDC detected a Cy-
clic Redundancy Check (CRC) error.
0 - No CRC error detected.
1 - CRC error detected.
Bit 5 of the result phase Status register 2 (ST2) in-
dicates when and where the error occurred. See
Section 5.5.3.
Bit 6 - Not Used
This bit is not used and is always 0.
Bit 7 - End of Track
This bit is set to 1 when the FDC transfers the last byte
of the last sector without the TC signal becoming active.
The last sector is the End of Track sector number pro-
grammed in the command phase.
0 - The FDC did not transfer the last byte of the last
sector without the TC signal becoming active.
1 - The FDC transferred the last byte of the last sector
without the TC signal becoming active.
5.5.3
Result Phase Status Register 2 (ST2)
FIGURE 5-18. ST2 Result Phase Register Bitmap
Bit 0 - Missing Address Mark Location
If the FDC cannot find the address mark of a data field
or of an address field during a read, scan, or verify com-
mand, i.e., bit 0 of ST1 is 1, this bit indicates when and
where the failure occurred.
0 - The FDC failed to detect an address mark for the
address field after two disk revolutions.
1 - The FDC failed to detect an address mark for the
data field after it found the correct address field.
Bit 1 - Bad Track
This bit indicates whether or not the FDC detected a bad
track
0 - No bad track detected.
1 - Bad track detected.
The desired sector is not found. If the track number
recorded on any sector on the track is FFh and this
number is different from the track address specified
in the command phase, then there is a hard error in
IBM format.
Bit 2 - Scan Not Satisfied
This bit indicates whether or not the value of the data
byte from the microprocessor meets any of the condi-
tions specified by the scan command used.
“The SCAN EQUAL, the SCAN LOW OR EQUAL and
the SCAN HIGH OR EQUAL Commands” on page 101
and Table 5-21 describes the conditions.
0 - The data byte from the microprocessor meets at
least one of the conditions specified.
1 - The data byte from the microprocessor does not
meet any of the conditions specified.
Bit 3 - Scan Satisfied
This bit indicates whether or not the value of the data
byte from the microprocessor was equal to a byte on the
floppy disk during any scan command.
0 - No equal byte was found.
1 - A byte whose value is equal to the byte from the mi-
croprocessor was found on the floppy disk.
76543210
Reset
Required
0
0
0
0
0
0
0
0
Result Phase Status
Register 2 (ST2)
Scan Not Satisfied
CRC Error in Data Field
Not Used
Scan Equal Hit
Wrong Track
Missing Address
Control Mark
Bad Track
Mark Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com