Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 30Page - National Semiconductor (TI) PC97307 Datasheet HTML 31Page - National Semiconductor (TI) PC97307 Datasheet HTML 32Page - National Semiconductor (TI) PC97307 Datasheet HTML 33Page - National Semiconductor (TI) PC97307 Datasheet HTML 34Page - National Semiconductor (TI) PC97307 Datasheet HTML 35Page - National Semiconductor (TI) PC97307 Datasheet HTML 36Page - National Semiconductor (TI) PC97307 Datasheet HTML 37Page - National Semiconductor (TI) PC97307 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 218 page
background image
34
Configuration
www.national.com
TABLE 2-20. Power Management Configuration Registers - Logical Device 8
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
00
00
Activate.
When bit 0 is cleared, the registers of this logical device are not
accessible. The registers are maintained.
31h
R/W
00h
00h
I/O Range Check.
60h
R/W
00h
00h
Base Address Most Significant Byte.
61h
R/W
00h
00h
Base Address LSB Register.
Bit 0 (for A) is read only: 0.
74h
R
04h
04h
Report no DMA assignment.
75h
R
04h
04h
Report no DMA assignment.
2.4
CARD CONTROL REGISTERS
This section describes the registers at first level indexes in
the range 20h - 2Fh.
2.4.1
SID Register (In PC87307)
This read-only register holds the revision and chip identity
number of the chip. The PC87307VUL is identified by the
value C0h in this register.
FIGURE 2-1. SID Register Bitmap (In PC87307)
76543210
Reset
Required
0
0
0
0
0
0
1
1
0
0
0
0
0
0
1
1
SID (In PC87307)
Index 20h
Register,
Chip ID
Revision ID
2.4.2
SID Register (In PC97307)
This read-only register holds the identity number of the chip.
The PC97307VUL is identified by the value CFh in this reg-
ister.
FIGURE 2-2. SID Register Bitmap (In PC97307)
2.4.3
SuperI/O Configuration 1 Register, Index 21h
This register can be read or written. It is reset by hardware
to 04h, 06h, 14h or 16h. See SELCS and the CFG1 strap
pin in Table 2-2 on page 25.
FIGURE 2-3. SuperI/O Configuration 1 Register Bit-
map
76543210
Reset
Required
1
1
1
1
0
0
1
1
1
1
1
1
0
0
1
1
SID (In PC97307)
Index 20h
Register,
Chip ID
ZWS Enable
General Purpose Scratch Bits
76543210
Reset
Required
0
x
1
0
x
0
0
0
SuperI/O Configuration 1
Index 21h
Register,
PC-AT or PS/2 Drive Mode Select
CSOUT or CS0 Select
Reserved
Lock Scratch Bit
X-Bus Data Buffer (XDB) Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com