Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 32Page - National Semiconductor (TI) PC97307 Datasheet HTML 33Page - National Semiconductor (TI) PC97307 Datasheet HTML 34Page - National Semiconductor (TI) PC97307 Datasheet HTML 35Page - National Semiconductor (TI) PC97307 Datasheet HTML 36Page - National Semiconductor (TI) PC97307 Datasheet HTML 37Page - National Semiconductor (TI) PC97307 Datasheet HTML 38Page - National Semiconductor (TI) PC97307 Datasheet HTML 39Page - National Semiconductor (TI) PC97307 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 218 page
background image
36
Configuration
www.national.com
FIGURE 2-5. Programmable Chip Select Configuration
Index Register Bitmap
2.4.6
Programmable Chip Select Configuration Data
Register, Index 24h
This read/write register contains the data in the Program-
mable Chip Select Configuration register (see Section 2.10)
indicated by the Programmable Chip Select Configuration
Index register at index 23h.
FIGURE 2-6. Programmable Chip Select Configuration
Data Register Bitmap
2.4.7
SRID Register (In PC97307 only)
This read-only register contains the identity number of the
chip revision. SRID is incremented on each tapeout.
FIGURE 2-7. SRID Register Bitmap
Index of a Programmable
Read Only
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
Programmable Chip Select
Index 23h
Configuration Index
Chip Select Configuration
Register
Register,
Data in a Programmable
76543210
Reset
Required
0
0
0
0
0
0
0
0
Programmable Chip Select
Index 24h
Configuration Data
Chip Select Configuration
Register
Register,
76543210
Reset
Required
x
x
x
x
x
x
x
x
SRID Register,
Index 27h
(In PC97307 only)
Chip Revision ID
2.5
KBC CONFIGURATION REGISTER (LOGICAL
DEVICE 0)
2.5.1
SuperI/O KBC Configuration Register,
Index F0h
This read/write register is reset by hardware to 40h.
FIGURE 2-8. SuperI/O KBC Configuration Register
Bitmap
Bits 5-0 - Reserved
Reserved.
Bits 7,6 - KBC Clock Source
Bit 6 is the LSB. The clock source can be changed only
when the KBC is inactive (disabled).
00 - 8 MHz
01 - 12 MHz
10 - 16 MHz. Undefined results when these bits are 10
and the clock source for the chip is 24 MHz on X1.
11 - Reserved.
2.6
FDC CONFIGURATION REGISTERS (LOGICAL
DEVICE 3)
2.6.1
SuperI/O FDC Configuration Register,
Index F0h
This read/write register is reset by hardware to 20h.
FIGURE 2-9. SuperI/O FDC Configuration Register Bit-
map
Reserved
KBC Clock Source
76543210
Reset
Required
0
0
0
0
0
0
1
0
SuperI/O KBC
Index F0h
Configuration
Register,
TRI-STATE Control
Four Drive Control
76543210
Reset
Required
0
0
0
0
0
1
0
0
Super I/O FDC
Index F0h
Configuration
Reserved
Register,
DENSEL Polarity Control
TDR Register Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com