Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC97307 Datasheet HTML 1Page - National Semiconductor (TI) PC97307 Datasheet HTML 2Page - National Semiconductor (TI) PC97307 Datasheet HTML 3Page - National Semiconductor (TI) PC97307 Datasheet HTML 4Page - National Semiconductor (TI) PC97307 Datasheet HTML 5Page - National Semiconductor (TI) PC97307 Datasheet HTML 6Page - National Semiconductor (TI) PC97307 Datasheet HTML 7Page - National Semiconductor (TI) PC97307 Datasheet HTML 8Page - National Semiconductor (TI) PC97307 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 218 page
background image
3
Highlights
www.national.com
— Software or hardware control
— 13 IRQ channel options
— Four 8-bit DMA channel options
— Demand mode DMA support
— An Enhanced Parallel Port (EPP) that is compatible
with the new version EPP 1.9, and is IEEE1284
compliant
— An Enhanced Parallel Port (EPP) that also supports
version EPP 1.7 of the Xircom specification.
— Support for an Enhanced Parallel Port (EPP) as
mode 4 of the Extended Capabilities Port (ECP)
— An Extended Capabilities Port (ECP) that is IEEE
1284 compliant, including level 2
— Selection of internal pull-up or pull-down resistor for
Paper End (PE) pin
— Reduction of PCI bus utilization by supporting a de-
mand DMA mode mechanism and a DMA fairness
mechanism
— A protection circuit that prevents damage to the par-
allel port when a printer connected to it powers up or
is operated at high voltages
— Output buffers that can sink and source14 mA
s Three general purpose pins for three separate program-
mable chip select signals, as follows:
— Can be programmed for game port control
— The Chip Select 0 (CS0) signal produces open drain
output and is powered by the VCCH
— The Chip Select 1 (CS1) and 2 (CS2) signals have
push-pull buffers and are powered by the main VDD
— Decoding of chip select signals depends on the ad-
dress and the Address Enable (AEN) signals, and
can be qualified using the Read (RD) and Write
(WR) signals.
s 16 single-bit General Purpose I/O ports (GPIO):
— Modifiable addresses that are referenced by a 16-bit
programmable register
— Programmable direction for each signal (input or
output) with configuration lock
— Programmable drive type for each output pin (open-
drain or push-pull) with configuration lock
— Programmable option for internal pull-up resistor on
each input pin with configuration lock
— A back-drive protection circuit
s An X-bus data buffer that connects the 8-bit X data bus
to the ISA data bus
s Clock source options:
— Source is a 32.768 KHz crystal - an internal frequen-
cy multiplier generates all the required internal fre-
quencies.
— Source may be either a 48 MHz or 24 MHz clock in-
put signal.
s Enhanced Power Management (PM), including:
— Special configuration registers for power down
— WATCHDOG timer for power-saving strategies
— Reduced current leakage from pins
— Low-power CMOS technology
— Ability to shut off clocks to all modules
s General features include:
— All accesses to the SuperI/O chip activate a Zero
Wait State (ZWS) signal, except for accesses to the
Enhanced Parallel Port (EPP) and to configuration
registers
— Access to all configuration registers is through an In-
dex and a Data register, which can be relocated
within the ISA I/O address space
— 160-pin Plastic Quad Flatpack (PQFP) package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com