Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 4Page - National Semiconductor (TI) PC97307 Datasheet HTML 5Page - National Semiconductor (TI) PC97307 Datasheet HTML 6Page - National Semiconductor (TI) PC97307 Datasheet HTML 7Page - National Semiconductor (TI) PC97307 Datasheet HTML 8Page - National Semiconductor (TI) PC97307 Datasheet HTML 9Page - National Semiconductor (TI) PC97307 Datasheet HTML 10Page - National Semiconductor (TI) PC97307 Datasheet HTML 11Page - National Semiconductor (TI) PC97307 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 218 page
background image
8
Table of Contents
www.national.com
5.6.2
FDC Result Phase Status Register Bitmaps ............................................................... 85
5.7
THE FDC COMMAND SET ....................................................................................................... 86
5.7.1
Abbreviations Used in FDC Commands ...................................................................... 87
5.7.2
The CONFIGURE Command ...................................................................................... 88
5.7.3
The DUMPREG Command ......................................................................................... 88
5.7.4
The FORMAT TRACK Command ............................................................................... 89
5.7.5
The INVALID Command .............................................................................................. 92
5.7.6
The LOCK Command .................................................................................................. 92
5.7.7
The MODE Command ................................................................................................. 92
5.7.8
The NSC Command .................................................................................................... 94
5.7.9
The PERPENDICULAR MODE Command ................................................................. 94
5.7.10
The READ DATA Command ....................................................................................... 96
5.7.11
The READ DELETED DATA Command ...................................................................... 98
5.7.12
The READ ID Command ............................................................................................. 99
5.7.13
The READ A TRACK Command ............................................................................... 100
5.7.14
The RECALIBRATE Command ................................................................................. 100
5.7.15
The RELATIVE SEEK Command .............................................................................. 101
5.7.16
The SCAN EQUAL, the SCAN LOW OR EQUAL and the SCAN HIGH OR EQUAL
Commands .......................................................................................................... 101
5.7.17
The SEEK Command ................................................................................................ 102
5.7.18
The SENSE DRIVE STATUS Command .................................................................. 103
5.7.19
The SENSE INTERRUPT Command ........................................................................ 103
5.7.20
The SET TRACK Command ...................................................................................... 104
5.7.21
The SPECIFY Command .......................................................................................... 105
5.7.22
The VERIFY Command ............................................................................................. 106
5.7.23
The VERSION Command .......................................................................................... 108
5.7.24
The WRITE DATA Command .................................................................................... 108
5.7.25
The WRITE DELETED DATA Command .................................................................. 109
5.8
EXAMPLE OF A FOUR-DRIVE CIRCUIT USING THE PC87307/PC97307 ........................... 110
6.0
Parallel Port (Logical Device 4)
6.1
PARALLEL PORT CONFIGURATION .................................................................................... 111
6.1.1
Parallel Port Operation Modes .................................................................................. 111
6.1.2
Configuring Operation Modes .................................................................................... 111
6.1.3
Output Pin Protection ................................................................................................ 111
6.2
STANDARD PARALLEL PORT (SPP) MODES ...................................................................... 111
6.2.1
Standard Parallel Port (SPP) Modes Register Set .................................................... 112
6.2.2
SPP Data Register (DTR), Offset 00h ....................................................................... 112
6.2.3
Status Register (STR), Offset 01h ............................................................................. 113
6.2.4
SPP Control Register (CTR), Offset 02h ................................................................... 114
6.3
ENHANCED PARALLEL PORT (EPP) MODES ...................................................................... 115
6.3.1
Enhanced Parallel Port (EPP) Register Set .............................................................. 115
6.3.2
SPP or EPP Data Register (DTR), Offset 00h ........................................................... 115
6.3.3
SPP or EPP Status Register (STR), Offset 01h ........................................................ 115
6.3.4
SPP or EPP Control Register (CTR), Offset 02h ....................................................... 116
6.3.5
EPP Address Register (ADDR), Offset 03h ............................................................... 116
6.3.6
EPP Data Register 0 (DATA0), Offset 04h ................................................................ 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com