Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 40Page - National Semiconductor (TI) PC97307 Datasheet HTML 41Page - National Semiconductor (TI) PC97307 Datasheet HTML 42Page - National Semiconductor (TI) PC97307 Datasheet HTML 43Page - National Semiconductor (TI) PC97307 Datasheet HTML 44Page - National Semiconductor (TI) PC97307 Datasheet HTML 45Page - National Semiconductor (TI) PC97307 Datasheet HTML 46Page - National Semiconductor (TI) PC97307 Datasheet HTML 47Page - National Semiconductor (TI) PC97307 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 218 page
background image
44
Keyboard (and Mouse) Controller (KBC) (Logical Devices 0 and 1)
www.national.com
FIGURE 3-2. System Interfaces
PC
Chipset
SA15-0
PC87307/PC97307
XD7-0
MR
A15-0
D7-0
AEN
RD
WR
KBC IRQ
Mouse IRQ
KBC
KBCLK
KBDAT
TEST0
P10
Keyboard Clock
Keyboard Data
MCLK
MDAT
TEST1
P11
Mouse Clock
Mouse Data
P26
P27
P23
P22
STATUS
DBBIN
DBBOUT
Plug and
Play
Matrix
P24
P25
P16
P17
P20
P21
P12
IRQn
3.2
FUNCTIONAL OVERVIEW
The KBC supports two external devices — a keyboard and
a mouse. Each device communicates with the KBC via two
bidirectional serial signals. Five additional external general-
purpose I/O signals are provided.
KBC operation involves three signal interfaces:
• External I/O interface
• Internal KBC - PC87307/PC97307 interface
• PC87307/PC97307 - PC chip set interface.
These system interfaces are shown in Figure 3-2.
The KBC uses two data registers (for input and output) and
a status register to communicate with the part central sys-
tem. Data exchange between these units may be based on
programmed I/O or interrupt-driven.
The KBC has two internal interrupts: the Input Buffer Full
(IBF) interrupt and Timer Overflow interrupt (see Figure
3-1). These two interrupts can be independently enabled or
disabled by KBC firmware. Both are disabled by a hard re-
set. These two interrupts only affect the execution flow of
the KBC firmware, and have no connection with the external
interrupts requested by this logical device.
The KBC can generate two external interrupt requests.
These request signals are controlled by the KBC firmware
which generates them by manipulating I/O port signals. See
Section 3.3.2.
The part supports the KBC and handles interactions with
the PC chip set. In addition to data transfer, these interac-
tions include KBC configuration, activation and status mon-
itoring. The part interconnects with the host via one
interface that is shared by all chip devices
The KBC clock is generated from the main clock of the chip,
which may come from an external clock source or from the
internal frequency multiplier. (See Sections 3.3 and 3-4.)
The KBC clock rate is configured by the SuperI/O (SIO)
Configuration Registers.
3.3
DEVICE CONFIGURATION
The KBC hardware contains two logical devices—the KBC
(logical device 0) and the mouse (logical device 1).
3.3.1
I/O Address Space
The KBC has two I/O addresses and one IRQ line (KBC
IRQ) and can operate without the companion mouse.
The mouse cannot operate without the KBC device. It has
one IRQ line (mouse IRQ) but has no I/O address. It utilizes
the KBC I/O addresses.
3.3.2
Interrupt Request Signals
The KBC IRQ and Mouse IRQ interrupt request signals are
identical to (or functions of) the P24 and P25 signals of the
8042. These interrupt request signals are routed internally
to the Plug and Play interrupt Matrix and may be routed to
user-programmable IRQ pins. Each logical device is inde-
pendently controlled.
The Interrupt Select registers (index 70h for each logical de-
vice) select the IRQ pin to which the corresponding interrupt
request is routed. The interrupt may also be disabled by not
routing its request signal to any IRQ pin.
Bit 0 of the Interrupt Type registers (index 71h for each log-
ical device) determines whether the interrupts are passed
(bit 0 = 0) or latched (bit 0 = 1). If bit 0 = 0, interrupt request
signals (P24 and P25) are passed directly to the selected
IRQ pin. If bit 0 = 1, interrupt request signals that become
active are latched on their rising edge, and held until read
from the KBC output buffer (port 60h).
Figure 3-3 illustrates the internal interrupt request logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com