Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 86Page - National Semiconductor (TI) PC97307 Datasheet HTML 87Page - National Semiconductor (TI) PC97307 Datasheet HTML 88Page - National Semiconductor (TI) PC97307 Datasheet HTML 89Page - National Semiconductor (TI) PC97307 Datasheet HTML 90Page - National Semiconductor (TI) PC97307 Datasheet HTML 91Page - National Semiconductor (TI) PC97307 Datasheet HTML 92Page - National Semiconductor (TI) PC97307 Datasheet HTML 93Page - National Semiconductor (TI) PC97307 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 218 page
background image
90
www.national.com
TABLE 5-10. Typical Values for PC Compatible Diskette Media
a. Gap 2 is specified in the command phase of read, write, scan, and verify commands. Although this is the rec-
ommended value, the FDC ignores this byte in read, write, scan and verify commands.
b. Gap 3 is the suggested value for the programmable GAP3 that is used in the FORMAT TRACK command and
is illustrated in Figure 5-20.
c. The 2.88 MB diskette media is a barium ferrite media intended for use in perpendicular recording drives at the
data rate of up to 1 Mbps.
Media Type
Bytes in Data
Field (decimal)
Bytes-Per-Sector
Code (hex)
End of Track (EOT)
Sector # (hex)
Bytes in Gap 2 a
(hex)
Bytes in Gap 3 b
(hex)
360 KB
512
02
09
2A
50
1.2 MB
512
02
0F
1B
54
720 KB
512
02
09
1B
50
1.44 MB
512
02
12
1B
6C
2.88 MBc
512
02
24
1B
53
First Command Phase Byte, Opcode
Bit 6 - Modified Frequency Modulation (MFM)
This bit indicates the type of the disk drive and the data
transfer rate, and determines the format of the address
marks and the encoding scheme.
0 - FM mode, i.e., single density.
1 - MFM mode, i.e., double density.
Second Command Phase Byte
Bits 1,0 - Logical Drive Select (DS1,0)
These bits indicate which logical drive is active. They re-
flect the values of bits 1,0 of the Digital Output Register
(DOR) described on page 72 and of result phase status
registers 0 and 3 (ST0 and ST3) described on pages 81
and 83, respectively.
00 - Drive 0 is selected. (Default)
01 - Drive 1 is selected.
10 - If four drives are supported, or drives 2 and 0 are
exchanged, drive 2 is selected.
11 - If four drives are supported, drive 3 is selected.
Bit 2 - Head Select (HD)
This bit indicates which side of the Floppy Disk Drive
(FDD) is selected by the head. Its value is the inverse of
the HDSEL disk interface output signal.
This bit reflects the value of bit 3 of Status Register A
(SRA) described on page 70 and bit 2 of result phase
status registers 0 and 3 (ST0 and ST3) described on
pages 81 and 83, respectively.
0 - HDSEL is not active, i.e., the head of the FDD se-
lects side 0. (Default)
1 - HDSEL is active, i.e., the head of the FDD selects
side 1.
Third Command Phase Byte -Bytes-Per-Sector Code
This byte contains a code in hexadecimal format that in-
dicates the number of bytes in a data field.
Table 5-11 shows the number of bytes in a data field for
each code.
TABLE 5-11. Bytes per Sector Codes
Fourth Command Phase Byte - Sectors Per Track
The value in this byte specifies how many sectors there
are in the track.
Fifth Command Phase Byte - Bytes in Gap 3
The number of bytes in gap 3 is programmable. The
number to program for Gap 3 depends on the data
transfer rate and the type of the disk drive. Table 5-12
shows some typical values to use for Gap 3.
Figure 5-20 illustrates the track format for each of the
formats recognized by the FORMAT TRACK command.
Sixth Command Phase Byte - Data Pattern
This byte contains the contents of the data field.
Execution Phase
The system transfers four ID bytes (track number, head
number, sector number and bytes-per-sector code) per sec-
tor to the Floppy Disk Controller (FDC) in either a DMA or a
non-DMA mode. Section 5.4.2 on page 78 describes these
modes.
The entire track is formatted. The data block in the data field
of each sector is filled with the data pattern byte.
Only the first three status bytes in this phase are significant.
Bytes-Per-Sector Code (hex)
Bytes in Data Field
00
128
01
256
02
512
03
1024
04
2048
05
4096
06
8192
07
16384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com