Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  PC97307 Datasheet HTML 1Page - National Semiconductor (TI) PC97307 Datasheet HTML 2Page - National Semiconductor (TI) PC97307 Datasheet HTML 3Page - National Semiconductor (TI) PC97307 Datasheet HTML 4Page - National Semiconductor (TI) PC97307 Datasheet HTML 5Page - National Semiconductor (TI) PC97307 Datasheet HTML 6Page - National Semiconductor (TI) PC97307 Datasheet HTML 7Page - National Semiconductor (TI) PC97307 Datasheet HTML 8Page - National Semiconductor (TI) PC97307 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 218 page
background image
5
Table of Contents
www.national.com
Table of Contents
Highlights ............................................................................................................................. 1
1.0
Signal/Pin Connection and Description
1.1
CONNECTION DIAGRAM ......................................................................................................... 14
1.2
SIGNAL/PIN DESCRIPTIONS ................................................................................................... 15
2.0
Configuration
2.1
HARDWARE CONFIGURATION ............................................................................................... 24
2.1.1
Wake Up Options ........................................................................................................ 24
2.1.2
The Index and Data Register Pair ............................................................................... 24
2.1.3
The Strap Pins ............................................................................................................. 25
2.2
SOFTWARE CONFIGURATION ............................................................................................... 25
2.2.1
Accessing the Configuration Registers ........................................................................ 25
2.2.2
Address Decoding ....................................................................................................... 25
2.3
THE CONFIGURATION REGISTERS ....................................................................................... 26
2.3.1
Standard Plug and Play (PnP) Register Definitions .................................................... 27
2.3.2
Configuration Register Summary ................................................................................ 30
2.4
CARD CONTROL REGISTERS ................................................................................................ 34
2.4.1
SID Register (In PC87307) .......................................................................................... 34
2.4.2
SID Register (In PC97307) .......................................................................................... 34
2.4.3
SuperI/O Configuration 1 Register, Index 21h ............................................................. 34
2.4.4
SuperI/O Configuration 2 Register, Index 22h ............................................................. 35
2.4.5
Programmable Chip Select Configuration Index Register, Index 23h ......................... 35
2.4.6
Programmable Chip Select Configuration Data Register, Index 24h .......................... 36
2.4.7
SRID Register (In PC97307 only) ................................................................................ 36
2.5
KBC CONFIGURATION REGISTER (LOGICAL DEVICE 0) .................................................... 36
2.5.1
SuperI/O KBC Configuration Register, Index F0h ....................................................... 36
2.6
FDC CONFIGURATION REGISTERS (LOGICAL DEVICE 3) .................................................. 36
2.6.1
SuperI/O FDC Configuration Register, Index F0h ....................................................... 36
2.6.2
Drive ID Register, Index F1h ....................................................................................... 37
2.7
PARALLEL PORT CONFIGURATION REGISTER (LOGICAL DEVICE 4) ............................... 37
2.7.1
SuperI/O Parallel Port Configuration Register, Index F0h ........................................... 37
2.8
UART2 AND INFRARED CONFIGURATION REGISTER (LOGICAL DEVICE 5) .................... 38
2.8.1
SuperI/O UART2 Configuration Register, Index F0h ................................................... 38
2.9
UART1 CONFIGURATION REGISTER (LOGICAL DEVICE 6) ................................................ 38
2.9.1
SuperI/O UART1 Configuration Register, Index F0h ................................................... 38
2.10
PROGRAMMABLE CHIP SELECT CONFIGURATION REGISTERS ...................................... 39
2.10.1
CS0 Base Address MSB, Second Level Index 00h ..................................................... 39
2.10.2
CS0 Base Address LSB Register, Second Level Index 01h ....................................... 39
2.10.3
CS0 Configuration Register, Second Level Index 02h ................................................ 39
2.10.4
Reserved, Second Level Index 03h ............................................................................. 39
2.10.5
CS1 Base Address MSB Register, Second Level Index 04h ...................................... 40
2.10.6
CS1 Base Address LSB Register, Second Level Index 05h ....................................... 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com