Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 100Page - National Semiconductor (TI) PC97307 Datasheet HTML 101Page - National Semiconductor (TI) PC97307 Datasheet HTML 102Page - National Semiconductor (TI) PC97307 Datasheet HTML 103Page - National Semiconductor (TI) PC97307 Datasheet HTML 104Page - National Semiconductor (TI) PC97307 Datasheet HTML 105Page - National Semiconductor (TI) PC97307 Datasheet HTML 106Page - National Semiconductor (TI) PC97307 Datasheet HTML 107Page - National Semiconductor (TI) PC97307 Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 218 page
background image
104
www.national.com
TABLE 5-22. Interrupt Causes Reported by SENSE
INTERRUPT
When SENSE INTERRUPT is not Necessary
Interrupts that occur during most command operations do
not need to be identified by the SENSE INTERRUPT. The
microprocessor can identify them by checking the Request
for Master (RQM) bit (bit 7) of the Main Status Register
(MSR). See page “Bit 7 - Request for Master (RQM)” on
page 75.
It is not necessary to issue a SENSE INTERRUPT com-
mand to detect the following causes of Interrupts:
• The result phase of any of the following commands
started:
— READ DATA, READ DELETED DATA, READ A
TRACK, READ ID
— WRITE DATA, WRITE DELETED
— FORMAT TRACK
— SCAN EQUAL, SCAN EQUAL OR LOW, SCAN
EQUAL OR HIGH
— VERIFY
• Data is being transferred in non-DMA mode, during the
execution phase of some command.
Interrupts caused by these conditions are cleared automat-
ically, or by reading or writing information from or to the
Data Register (FIFO).
Command Phase
Execution Phase
Status of interrupt is reported.
Result Phase
When bit 2 of the second command phase byte (ETR) in the
MODE command is set to 1, the track number is stored as
a 12-bit value. See “Bit 0 - Extended Track Range (ETR)”
on page 92.
In this case, a third result byte should be read to hold the
Most Significant Nibble (MSN), i.e., the four most significant
bits, of the number of the current track.
Bits of
ST0
Interrupt Cause
76
5
1
1
0 FDC became ready during drive polling mode.
SEEK, RELATIVE SEEK or RECALIBRATE
not completed.
0
0
1 SEEK, RELATIVE SEEK or RECALIBRATE
terminated normally.
0
1
1 SEEK, RELATIVE SEEK or RELCALIBRATE
terminated abnormally.
76543210
00001000
Otherwise (ETR bit in MODE is 0), this command phase
byte is not required. and, only two result phase bytes should
be read.
First Command Phase Byte,
Result Phase Status Register 0
See “Result Phase Status Register 0 (ST0)” on page 81.
Second Command Phase Byte,
Present Track Number (PTR)
The value in this byte is the number of the current track.
Fourth Command Phase Byte,
Bits 7-4 - MSN of Track Number
If the track number is stored as a 12-bit value, these bits
contain the Most Significant Nibble (MSN), i.e., the four
most significant bits, of the number of the track to seek.
Otherwise (the ETR bit in the MODE command is 0), this
result phase byte is not required.
5.7.20
The SET TRACK Command
This command is used to verify (read) or change (write) the
number of the present track.
This command could be useful for recovery from disk track-
ing errors, where the true track number could be read from
the disk using the READ ID command, and used as input to
the SET TRACK command to correct the Present Track
number (PTR) stored internally.
Termination of this command does not generate an inter-
rupt
Command Phase
When bit 2 of the second command phase byte (ETR) in the
MODE command is set to 1, the track number is stored as
a 12-bit value. See “Bit 0 - Extended Track Range (ETR)”
on page 92.
In this case, issue SET TRACK twice - once for the Most
Significant Byte (MSB) of the number of the current track
and once for the Least Significant Byte (LSB).
Otherwise (ETR bit in MODE is 0), issue SET TRACK only
once, with bit 2 (MSB) of the second command phase byte
set to 0.
76543210
Result Phase Status Register 0 (ST0)
Byte of Present Track Number (PTR)
MSN of PTR
76543210
0
WNR
100001
00110
MSB
DS1
DS0
Byte of Present Track Number (PTR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com