Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 107 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 107 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 103Page - National Semiconductor (TI) PC97307 Datasheet HTML 104Page - National Semiconductor (TI) PC97307 Datasheet HTML 105Page - National Semiconductor (TI) PC97307 Datasheet HTML 106Page - National Semiconductor (TI) PC97307 Datasheet HTML 107Page - National Semiconductor (TI) PC97307 Datasheet HTML 108Page - National Semiconductor (TI) PC97307 Datasheet HTML 109Page - National Semiconductor (TI) PC97307 Datasheet HTML 110Page - National Semiconductor (TI) PC97307 Datasheet HTML 111Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 218 page
background image
107
www.national.com
Command Phase
First Command Phase Byte
See READ DATA command for a description of these
bits starting on page 96.
Second Command Phase Byte
Bits 2-0 - Drive Select (DS1,0) and Head (HD) Select
See the description of the Drive Select bits (DS1,0) and
the Head (HD) select bit in the READ DATA command,
starting on page 96.
Bit 7 - Enable Count Control (EC)
This bit controls whether the End of Track sector num-
ber or the Sectors to read Count (SC) triggers termina-
tion of the VERIFY command.
See also, Table 5-27.
0 - Terminate VERIFY when the number of the last
sector read equals the End of Track (EOT) sector
number.
The ninth command phase byte, i.e., Sectors to
read Count (SC), is not needed and should be set
to FFh.
1 - Terminate VERIFY when number of sectors read
equals the number of sectors to read, i.e., Sectors
to read Count (SC).
Third through Eighth Command Phase Bytes
See “The READ DATA Command” on page 96.
Always set the End of Track (EOT) sector number to the
number of the last sector to be checked on each side of
the disk. If EOT is greater than the number of sectors
per side, the command terminates with an error and no
useful Address Mark (AM) or CRC data is returned.
Ninth Command Phase Byte,
Sectors to Read Count (SC)
This byte specifies the number of sectors to read. If the
Enable Count (EC) control bit (bit 7) of the second com-
mand byte is 0, this byte is not needed and should be
set to the value FFh.
Execution Phase
Data is read from the disk, as the controller checks for valid
address marks in the address and data fields.
76543210
MT
MFM
SK
10110
EC
XXXX
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Sectors to read Count (SC)
This command is identical to the READ DATA command,
except that it does not transfer data during the execution
phase. See “The READ DATA Command” on page 96.
If the Multi-Track (MT) parameter is 1 and SC is greater
than the number of remaining formatted sectors on side 0,
verification continues on side 1 of the disk.
Result Phase
Table 5-27 shows how different conditions affect the termi-
nation status.
TABLE 5-27. VERIFY Command Termination
Conditions
a. The number of formatted sectors per side of the
disk.
b. The number of formatted sectors left, which can
be read, including side 1 of the disk if MT is 1.
76543210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
MT EC
Sector Count (SC) or
End of Track (EOT) Value
Termination
Status
0
0
SC should be FFh
EOT
≤ Sectors per Sidea
No Errors
SC should be FFh
EOT > Sectors per Side
Abnormal
Termination
01
SC
≤ Sectors per Side
and
SC
≤ EOT
No Errors
SC > Sectors Remainingb
or
SC > EOT
Abnormal
Termination
1
0
SC should be FFh
EOT
≤ Sectors per Side
No Errors
SC should be FFh
EOT > Sectors per Side
Abnormal
Termination
11
SC
≤ Sectors per Side
and
SC
≤ EOT
No Errors
SC
≤ (EOT x 2)
and
EOT
≤ Sectors per Side
No Errors
SC > (EOT x 2)
Abnormal
Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com