Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 106 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 106 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 102Page - National Semiconductor (TI) PC97307 Datasheet HTML 103Page - National Semiconductor (TI) PC97307 Datasheet HTML 104Page - National Semiconductor (TI) PC97307 Datasheet HTML 105Page - National Semiconductor (TI) PC97307 Datasheet HTML 106Page - National Semiconductor (TI) PC97307 Datasheet HTML 107Page - National Semiconductor (TI) PC97307 Datasheet HTML 108Page - National Semiconductor (TI) PC97307 Datasheet HTML 109Page - National Semiconductor (TI) PC97307 Datasheet HTML 110Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 218 page
background image
106
www.national.com
TABLE 5-24. Constant Multipliers for Delay After Processing Factor and Delay Ranges
TABLE 5-25. Constant Multipliers for Delay Before Processing Factor and Delay Ranges
Data Transfer
Rate (bps)
Bit 7 of MODE (TMR) = 0
Bit 7 of MODE (TMR) = 1
Constant Multiplier
Permitted Range (msec)
Constant Multiplier
Permitted Range (msec)
1 M
8
8 -128
512
512 - 8192
500 K
16
16 - 256
512
512 - 8192
300 K
80 / 3
26.7 - 427
2560 / 3
853 - 13653
250 K
32
32 - 512
1024
1024 -16384
Data Transfer
Rate (bps)
Bit 7 of MODE (TMR) = 0
Bit 7 of MODE (TMR) = 1
Constant Multiplier
Permitted Range (msec)
Constant Multiplier
Permitted Range (msec)
1 M
1
1 -128
32
32 - 4096
500 K
1
1 -128
32
32 - 4096
300 K
10 / 3
3.3 - 427
160 / 3
53 - 6827
250 K
4
4 - 512
64
64 - 8192
TABLE 5-26. STEP Time Interval Calculation
Third Command Phase Byte
Bit 0 - DMA
This bit selects the data transfer mode in the execution
phase of a read, write, or scan operation.
Data can be transferred between the microprocessor
and the controller during execution in DMA mode or in
non-DMA mode, i.e., interrupt transfer mode or software
polling mode.
See “Execution Phase” on page 78 for a description of
these modes.
0 - DMA mode is selected.
1 - Non-DMA mode is selected.
Bits 3-0 - Delay Before Processing Factor
These bits specify a factor that is multiplied by a con-
stant to determine the delay before command process-
ing starts, i.e., from selection of a drive motor until a
read or write operation starts.
The value of the Motor Timer Values (TMR) bit (bit 7) of
the second command phase byte in the MODE com-
mand determines which group of constants and delay
ranges to use. See “Bit 7 - Motor Timer Values (TMR)”
on page 93.
Data Transfer
Rate (bps)
Calculation of Time
Interval
Permitted
Range (msec)
1 M
(16
− SRT) / 2
0.5 - 8
500 K
(16
− SRT)
1 - 16
300 K
(16
− SRT) x 1.67
1.67 - 26.7
250 K
(16
− SRT) x 2
2 - 32
The specific constant that will be multiplied by this factor
to determine the actual delay before processing for
each data transfer rate is shown in Table 5-25.
Use the smallest possible value for this factor, except 0,
i.e., 1. If this factor is 0, the value128 is used.
Execution Phase
Internal registers are written.
Result Phase
None.
5.7.22
The VERIFY Command
The VERIFY command verifies the contents of data and/or
address fields after they have been formatted or written.
VERIFY reads logical sectors containing a normal data Ad-
dress Mark (AM) from the selected drive, without transfer-
ring the data to the host.
The TC signal cannot terminate this command since no
data is transferred. Instead, VERIFY simulates a TC signal
by setting the Enable Count (EC) bit to1. In this case, VER-
IFY terminates when the number of sectors read equals the
number of sectors to read, i.e., Sectors to read Count (SC).
If SC = 0 then 256 sectors will be verified.
When EC is 0, VERIFY ends when the End of the Track
(EOT) sector number equals the number of the sector
checked. In this case, the ninth command phase byte is not
needed and should be set to FFh.
Table 5-27 shows how different values for the VERIFY pa-
rameters affect termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com