Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 127Page - National Semiconductor (TI) PC97307 Datasheet HTML 128Page - National Semiconductor (TI) PC97307 Datasheet HTML 129Page - National Semiconductor (TI) PC97307 Datasheet HTML 130Page - National Semiconductor (TI) PC97307 Datasheet HTML 131Page - National Semiconductor (TI) PC97307 Datasheet HTML 132Page - National Semiconductor (TI) PC97307 Datasheet HTML 133Page - National Semiconductor (TI) PC97307 Datasheet HTML 134Page - National Semiconductor (TI) PC97307 Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 218 page
background image
131
Parallel Port (Logical Device 4)
www.national.com
6.7
PARALLEL PORT REGISTER BITMAPS
6.7.1
EPP Modes Parallel Port Register Bitmaps
76543210
Reset
Required
0
0
0
0
0
0
0
0
SPP or EPP Data
Register (DTR)
Offset 00h
D2
D4
D5
D6
D7
D0
D1
D3
76543210
Reset
Required
1
1
1
1
1
1
1
1
SPP or EPP Status
Register(STR)
Offset 01h
IRQ Status
SLCT Status
PE Status
Time-Out Status
Reserved
ERR Status
76543210
Reset
Required
0
0
1
0
0
0
1
1
SPP or EPP Control
Register (CTR)
Offset 02h
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Address
Register
Offset 03h
EPP Device or
Register Selection
A2
A4
A5
A6
A7
A0
A1
A3
Printer Initialization Control
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Automatic Line Feed Control
Parallel Port Input Control
ACK Status
Printer Status
Data Bits
Address Bits
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Data
Register 0
Offset 04h
EPP Device
Read or Write Data
D2
D4
D5
D6
D7
D0
D1
D3
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Data
Register 1
Offset 05h
D10
D12
D13
D14
D15
D8
D9
D11
EPP Device
Read or Write Data
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Data
Register 2
Offset 06h
D18
D20
D21
D22
D23
D16
D17
D19
EPP Device
Read or Write Data
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Data
Register 3
Offset 07h
D26
D28
D29
D30
D31
D24
D25
D27
EPP Device
Read or Write Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com