Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 205 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 205 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 201Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 202Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 203Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 204Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 205Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 206Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 207Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 208Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 209Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 292 page
background image
Operating Modes
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
9-13
9.3.2.2 Measurement Input Period (Mode 5)
In Mode 5, the timer counts the period between the reception of signal edges of the same polarity
across the TIO signal. The value of the INV bit determines whether the period is measured
between consecutive low-to-high (0 to 1) transitions of TIO or between consecutive high-to-low
(1 to 0) transitions of TIO. If INV is set, high-to-low signal transitions are selected. If INV is
cleared, low-to-high signal transitions are selected. After the first appropriate transition occurs on
the TIO input signal, the counter is loaded with the TLR value. On the next signal transition of the
same polarity that occurs on TIO, TCSR[TCF] is set, and a compare interrupt is generated if the
TCSR[TCIE] bit is set. The contents of the counter load into the TCR. The TCR then contains the
value of the time that elapsed between the two signal transitions on the TIO signal. After the
second signal transition, if the TCSR[TRM] bit is set, the TCSR[TE] bit is set to clear the counter
and enable the timer. The counter is repeatedly loaded and incremented until the timer is
disabled. If the TCSR[TRM] bit is cleared, the counter continues to increment until it overflows.
Figure 9-12. Pulse Width Measurement Mode, TRM = 0
Bit Settings
Mode Characteristics
TC3
TC2
TC1
TC0
Mode
Name
Function
TIO
Clock
0
1
0
1
5
Input period
Measurement
Input
Internal
Mode 4 (internal clock): TRM = 1
N = write preload
M = write compare
TE
Clock
(CLK/2 or prescale CLK)
TLR
TCR
Counter
first event
M
0N
N + 1
M
N + 1
N
Interrupt Service
reads TCR for
NOTE: If INV = 1, a 1-to-0 edge on TIO loads the counter, and a 0-to-1 edge on TIO
TCF (Compare Interrupt if TCIE = 1)
TIO pin
width being measured
stops the counter and loads TCR with the count.
accumulated width
of M - N clock periods.
Next 0-to-1 edge
on TIO starts
counter from current
count and process
repeats. Overflow
may occur (TOF = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com