Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 207 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 207 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 203Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 204Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 205Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 206Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 207Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 208Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 209Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 210Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 211Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 292 page
background image
Operating Modes
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
9-15
9.3.2.3 Measurement Capture (Mode 6)
In Mode 6, the timer counts the number of clocks that elapse between when the timer starts and
when an external signal is received. At the first appropriate transition of the external clock
detected on the TIO signal, TCSR[TCF] is set and, if the TCSR[TCIE] bit is set, a compare
interrupt is generated. The counter halts. The contents of the counter are loaded into the TCR.
The value of the TCR represents the delay between the setting of the TCSR[TE] bit and the
detection of the first clock edge signal on the TIO signal. The value of the INV bit determines
whether a high-to-low (1 to 0) or low-to-high (0 to 1) transition of the external clock signals the
end of the timing period. If the INV bit is set, a high-to-low transition signals the end of the
timing period. If INV is cleared, a low-to-high transition signals the end of the timing period.
Bit Settings
Mode Characteristics
TC3
TC2
TC1
TC0
Mode
Name
Function
TIO
Clock
0
1
1
0
6
Capture
Measurement
Input
Internal
Figure 9-15. Capture Measurement Mode, TRM = 0
Mode 6 (internal clock): TRM = 1
N = write preload
M = write compare
TE
Clock
(CLK/2 or prescale CLK)
TLR
TCR
Counter
first event
M
0
N
N + 1
M
N
N + 1
N
Interrupt Service
reads TCR; delay
NOTE: If INV = 1, a 1-to-0 edge on TIO loads TCR with count and stops the counter.
TCF (Compare Interrupt if TCIE = 1)
TIO pin
delay being measured
= M - N clock
periods
Counter stops
counting; overflow
may occur before
capture (TOF = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com