Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 211 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 211 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 207Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 208Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 209Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 210Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 211Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 212Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 213Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 214Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 215Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 292 page
background image
Operating Modes
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
9-19
9.3.4.1 Watchdog Pulse (Mode 9)
In Mode 9, the timer generates an external signal at a preset rate. The signal period is equal to the
period of one timer clock. After the counter reaches the value in the TCPR, if the TCSR[TRM]
bit is set, the counter is loaded with the TLR value on the next timer clock and the count resumes.
Therefore TRM = 1 is not useful for watchdog functions. If the TCSR[TRM] bit is cleared, the
counter continues to increment on each subsequent timer clock. This process repeats until the
timer is disabled (that is, TCSR[TE] is cleared). If the counter overflows, a pulse is output on the
TIO
signal with a pulse width equal to the timer clock period. If the INV bit is set, the pulse
polarity is high (logical 1). If INV is cleared, the pulse polarity is low (logical 0). The counter
reloads when the TLR is written with a new value while the TCSR[TE] bit is set. In Mode 9,
internal logic preserves the TIO value and direction for an additional 2.5 internal clock cycles after
the hardware RESET signal is asserted. This convention ensures that a valid RESET signal is
generated when the TIO signal resets the DSP56303.
Figure 9-18. Watchdog Pulse Mode
Bit Settings
Mode Characteristics
TC3
TC2
TC1
TC0
Mode
Name
Function
TIO
Clock
1
0
0
1
9
Pulse
Watchdog
Output
Internal
Mode 9 (internal clock): TRM = 0
N = write preload
M = write compare
TE
Clock
(CLK/2 or prescale CLK)
TLR
TCF (Compare Interrupt if TCIE = 1)
Counter (TCR)
first event
M
0
N
M
1
N
TRM = 1 is not useful for watchdog function
0
M + 1
TOF (Overflow Interrupt if TOIE = 1)
TIO pin (INV = 0)
TIO pin (INV = 1)
(Software does not reset watchdog timer; watchdog times out)
N + 1
pulse width
= timer
clock period
float
float
low
high
TIO can connect to the RESET pin, internal hardware preserves the TIO value and
direction for an additional 2.5 clocks to ensure a reset of valid length.
TCPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com