Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 215 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 215 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 211Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 212Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 213Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 214Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 215Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 216Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 217Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 218Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 219Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 292 page
background image
Triple Timer Module Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
9-23
9.4.3 Timer Prescaler Count Register (TPCR)
The TPCR is a read-only register that reflects the current value in the prescaler counter.
Table 9-1. Timer Prescaler Load Register (TPLR) Bit Definitions
Bit Number
Bit Name
Reset Value
Description
23
0
Reserved. Write to zero for future compatibility.
22–21
PS[1–0]
0
Prescaler Source
Control the source of the prescaler clock. The prescaler’s use of a TIO signal
is not affected by the TCSR settings of the timer of the corresponding TIO
signal. If the prescaler source clock is external, the prescaler counter is
incremented by signal transitions on the TIO signal. The external clock is
internally synchronized to the internal clock. The external clock frequency
must be lower than the DSP56303 internal operating frequency divided by 4
(that is, CLK/4).
Note:
To ensure proper operation, change the PS[1–0] bits only when the
prescaler counter is disabled. Disable the prescaler counter by
clearing TCSR[TE] of each of three timers.
PS1
PS0
Prescaler Clock Source
0
0
Internal CLK/2
01
TIO0
10
TIO1
11
TIO2
20–0
PL[20–0]
0
Prescaler Preload Value
Contains the prescaler preload value, which is loaded into the prescaler
counter when the counter value reaches 0 or the counter switches state from
disabled to enabled. If PL[20–0] = N, then the prescaler counts N+1 source
clock cycles before generating a prescaler clock pulse. Therefore, the
prescaler divide factor = (preload value) + 1.
23
22
21
20
19
18
17
16
15
14
13
12
PC20
PC19
PC18
PC17
PC16
PC15
PC14
PC13
PC12
11
10
9876
5432
10
PC11
PC10
PC9
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
Reserved bit; read as 0; write to 0 for future compatibility
Figure 9-22. Timer Prescaler Count Register (TPCR)
Table 9-2. Timer Prescaler Count Register (TPCR) Bit Definitions
Bit Number
Bit Name
Reset Value
Description
23–21
0
Reserved. Write to zero for future compatibility.
20–0
PC[20–0]
0
Prescaler Counter Value
Contain the current value of the prescaler counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com