Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 218 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 218 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 214Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 215Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 216Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 217Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 218Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 219Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 220Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 221Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 222Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
9-26
Freescale Semiconductor
Triple Timer Module
7–4
TC[3–0]
0
Timer Control
Control the source of the timer clock, the behavior of the TIO signal, and the
Timer mode of operation. Section 9.3, Operating Modes, on page 9-5
describes the timer operating modes in detail. To ensure proper operation,
the TC[3–0] bits should be changed only when the timer is disabled (that is,
when the TCSR[TE] bit is cleared).
Note:
If the clock is external, the counter is incremented by the transitions
on the TIO signal. The external clock is internally synchronized to
the internal clock, and its frequency should be lower than the
internal operating frequency divided by 4 (that is, CLK/4).
Bit Settings
Mode Characteristics
TC3
TC2
TC1
TC0
Mode
Number
Mode
Function
TIO
Clock
0
0
0
0
0
Timer and
GPIO
GPIO
1
Internal
0
0
0
1
1
Timer pulse
Outpu
t
Internal
0
0
1
0
2
Timer toggle
Outpu
t
Internal
0
0
1
1
3
Event counter
Input
Externa
l
0
1
0
0
4
Input width
measurement
Input
Internal
0
1
0
1
5
Input period
measurement
Input
Internal
0
1
1
0
6
Capture
event
Input
Internal
0
1
1
1
7
Pulse width
modulation
Outpu
t
Internal
1
0
0
0
8
Reserved
—
—
1
0
0
1
9
Watchdog
pulse
Outpu
t
Internal
1
0
1
0
10
Watchdog
Toggle
Outpu
t
Internal
10
1
1
11
Reserved
—
—
11
0
0
12
Reserved
—
—
11
0
1
13
Reserved
—
—
11
1
0
14
Reserved
—
—
11
1
1
15
Reserved
—
—
Note:
The GPIO function is enabled only if all of the TC[3–0] bits are 0.
3
0
Reserved. Write to zero for future compatibility.
Table 9-3. Timer Control/Status Register (TCSR) Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com