Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 217 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 217 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 213Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 214Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 215Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 216Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 217Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 218Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 219Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 220Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 221Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 292 page
background image
Triple Timer Module Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
9-25
13
DO
0
Data Output
The source of the TIO value when it is a data output signal. The TIO signal is
a data output when the GPIO mode is enabled and DIR is set. A value written
to the DO bit is written to the TIO signal. If the INV bit is set, the value of the
DO bit is inverted when written to the TIO signal. When the INV bit is cleared,
the value of the DO bit is written directly to the TIO signal. When GPIO mode
is disabled, writing to the DO bit has no effect.
12
DI
0
Data Input
Reflects the value of the TIO signal. If the INV bit is set, the value of the TIO
signal is inverted before it is written to the DI bit. If the INV bit is cleared, the
value of the TIO signal is written directly to the DI bit.
11
DIR
0
Direction
Determines the behavior of the TIO signal when it functions as a GPIO signal.
When DIR is set, the TIO signal is an output; when DIR is cleared, the TIO
signal is an input. The TIO signal functions as a GPIO signal only when the
TC[3–0] bits are cleared. If any of the TC[3–0] bits are set, then the GPIO
function is disabled, and the DIR bit has no effect.
10
0
Reserved. Write to zero for future compatibility.
9TRM
0
Timer Reload Mode
Controls the counter preload operation. In timer (0–3) and watchdog (9–10)
modes, the counter is preloaded with the TLR value after the TCSR[TE] bit is
set and the first internal or external clock signal is received. If the TRM bit is
set, the counter is reloaded each time after it reaches the value contained by
the TCR. In PWM mode (7), the counter is reloaded each time counter
overflow occurs. In measurement (4–5) modes, if the TRM and the TCSR[TE]
bits are set, the counter is preloaded with the TLR value on each appropriate
edge of the input signal. If the TRM bit is cleared, the counter operates as a
free running counter and is incremented on each incoming event.
8INV
0
Inverter
Affects the polarity definition of the incoming signal on the TIO signal when
TIO is programmed as input. It also affects the polarity of the output pulse
generated on the TIO signal when TIO is programmed as output. See Table
9-4, Inverter (INV) Bit Operation, on page 9-27. The INV bit does not affect
the polarity of the prescaler source when the TIO is input to the prescaler.
Note:
The INV bit affects both the timer and GPIO modes of operation. To
ensure correct operation, change this bit only when one or both of
the following conditions is true: the timer is disabled (the TCSR[TE]
bit is cleared). The timer is in GPIO mode.
Table 9-3. Timer Control/Status Register (TCSR) Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com