Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 216 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 216 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 212Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 213Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 214Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 215Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 216Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 217Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 218Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 219Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 220Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
9-24
Freescale Semiconductor
Triple Timer Module
9.4.4 Timer Control/Status Register (TCSR)
The TCSR is a read/write register controlling the timer and reflecting its status.
23
22
21
20
19
18
17
16
15
14
13
12
TCF
TOF
PCE
DO
DI
11
10
98
76
54
32
10
DIR
TRM
INV
TC3
TC2
TC1
TC0
TCIE
TOIE
TE
Reserved. Read as 0. Write to 0 for future compatibility
Figure 9-23. Timer Control/Status Register (TCSR)
Table 9-3. Timer Control/Status Register (TCSR) Bit Definitions
Bit Number
Bit Name
Reset Value
Description
23–22
0
Reserved. Write to zero for future compatibility.
21
TCF
0
Timer Compare Flag
Indicate that the event count is complete. In timer, PWM, and watchdog
modes, the TCF bit is set after (M – N + 1) events are counted. (M is the
value in the compare register and N is the TLR value.) In measurement
modes, the TCF bit is set when the measurement completes. Writing a one to
the TCF bit clears it. A zero written to the TCF bit has no effect. The bit is also
cleared when the timer compare interrupt is serviced. The TCF bit is cleared
by a hardware RESET signal, a software RESET instruction, the STOP
instruction, or by clearing the TCSR[TE] bit to disable the timer.
Note:
The TOF and TCF bits are cleared by a 1 written to the specific bit.
To ensure that only the target bit is cleared, do not use the BSET
command. The proper way to clear these bits is to write 1, using a
MOVEP instruction, to the flag to be cleared and 0 to the other flag.
20
TOF
0
Timer Overflow Flag
Indicates that a counter overflow has occurred. This bit is cleared by writing a
one to the TOF bit. Writing a zero to TOF has no effect. The bit is also cleared
when the timer overflow interrupt is serviced. The TOF bit is cleared by a
hardware RESET signal, a software RESET instruction, the STOP
instruction, or by clearing the TCSR[TE] bit to disable the timer
.
19–16
0
Reserved. Write to zero for future compatibility.
15
PCE
0
Prescaler Clock Enable
Selects the prescaler clock as the timer source clock. When PCE is cleared,
the timer uses either an internal (CLK/2) signal or an external (TIO) signal as
its source clock. When PCE is set, the prescaler output is the timer source
clock for the counter, regardless of the timer operating mode. To ensure
proper operation, the PCE bit is changed only when the timer is disabled. The
PS[1–0] bits of the TPLR determine which source clock is used for the
prescaler. A timer can be clocked by a prescaler clock that is derived from the
TIO of another timer.
14
0
Reserved. Write to zero for future compatibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com