Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 220 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 220 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 216Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 217Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 218Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 219Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 220Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 221Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 222Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 223Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 224Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
9-28
Freescale Semiconductor
Triple Timer Module
9.4.5 Timer Load Register (TLR)
The TLR is a 24-bit write-only register. In all modes, the counter is preloaded with the TLR value
after the TCSR[TE] bit is set and a first event occurs.
„ In timer modes, if the TCSR[TRM] bit is set, the counter is reloaded each time after it
reaches the value contained by the timer compare register and the new event occurs.
„ In measurement modes, if TCSR[TRM] and TCSR[TE] are set, the counter is reloaded
with the value in the TLR on each appropriate edge of the input signal.
„ In PWM modes, if TCSR[TRM] is set, the counter is reloaded each time after it overflows
and the new event occurs.
„ In watchdog modes, if TCSR[TRM] is set, the counter is reloaded each time after it
reaches the value contained by the timer compare register and the new event occurs. In
this mode, the counter is also reloaded whenever the TLR is written with a new value
while TCSR[TE] is set.
„ In all modes, if TCSR[TRM] is cleared (TRM = 0), the counter operates as a free-running
counter.
9.4.6 Timer Compare Register (TCPR)
The TCPR is a 24-bit read/write register that contains the value to be compared to the counter
value. These two values are compared every timer clock after TCSR[TE] is set. When the values
match, the timer compare flag bit is set and an interrupt is generated if interrupts are enabled (that
is, the timer compare interrupt enable bit in the TCSR is set). The TCPR is ignored in
measurement modes.
6
Event is captured on the rising
edge of the signal from the TIO
signal.
Event is captured on the
falling edge of the signal
from the TIO signal.
——
7
——
Pulse generated by
the timer has positive
polarity.
Pulse generated by the
timer has negative
polarity.
9
——
Pulse generated by
the timer has positive
polarity.
Pulse generated by the
timer has negative
polarity.
10
——
Pulse generated by
the timer has positive
polarity.
Pulse generated by the
timer has negative
polarity.
Table 9-4. Inverter (INV) Bit Operation (Continued)
Mode
TIO Programmed as Input
TIO Programmed as Output
INV = 0
INV = 1
INV = 0
INV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com