Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 219 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 219 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 215Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 216Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 217Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 218Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 219Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 220Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 221Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 222Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 223Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 292 page
background image
Triple Timer Module Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
9-27
2TCIE
0
Timer Compare Interrupt Enable
Enables/disables the timer compare interrupts. When set, TCIE enables the
compare interrupts. In the timer, pulse width modulation (PWM), or watchdog
modes, a compare interrupt is generated after the counter value matches the
value of the TCPR. The counter starts counting up from the number loaded
from the TLR and if the TCPR value is M, an interrupt occurs after (M – N + 1)
events, where N is the value of TLR. When cleared, the TCSR[TCIE] bit
disables the compare interrupts.
1TOIE
0
Timer Overflow Interrupt Enable
Enables timer overflow interrupts. When set, TOIE enables overflow interrupt
generation. The timer counter can hold a maximum value of $FFFFFF. When
the counter value is at the maximum value and a new event causes the
counter to be incremented to $000000, the timer generates an overflow
interrupt. When cleared, the TOIE bit disables overflow interrupt generation.
0TE
0
Timer Enable
Enables/disables the timer. When set, TE enables the timer and clears the
timer counter. The counter starts counting according to the mode selected by
the timer control (TC[3–0]) bit values. When clear, TE bit disables the timer.
Note:
When all three timers are disabled and the signals are not in GPIO
mode, all three TIO signals are tri-stated. To prevent undesired
spikes on the TIO signals when you switch from tri-state into active
state, these signals should be tied to the high or low signal state by
pull-up or pull-down resistors.
Table 9-4. Inverter (INV) Bit Operation
Mode
TIO Programmed as Input
TIO Programmed as Output
INV = 0
INV = 1
INV = 0
INV = 1
0
GPIO signal on the TIO signal
read directly.
GPIO signal on the TIO signal
inverted.
Bit written to GPIO
put on TIO signal
directly.
Bit written to GPIO
inverted and put on TIO
signal.
1
Counter is incremented on the
rising edge of the signal from
the TIO signal.
Counter is incremented on
the falling edge of the signal
from the TIO signal.
——
2
Counter is incremented on the
rising edge of the signal from
the TIO signal.
Counter is incremented on
the falling edge of the signal
from the TIO signal.
Initial output put on
TIO signal directly.
Initial output inverted
and put on TIO signal.
3
Counter is incremented on the
rising edge of the signal from
the TIO signal.
Counter is incremented on
the falling edge of the signal
from the TIO signal.
——
4
Width of the high input pulse is
measured.
Width of the low input pulse is
measured.
——
5
Period is measured between
the rising edges of the input
signal.
Period is measured between
the falling edges of the input
signal.
——
Table 9-3. Timer Control/Status Register (TCSR) Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com