Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 213 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 213 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 209Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 210Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 211Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 212Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 213Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 214Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 215Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 216Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 217Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 292 page
background image
Triple Timer Module Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
9-21
9.3.5 Special Cases
The following special cases apply during wait and stop state.
„ Timer behavior during wait. Timer clocks are active during the execution of the wait
instruction and timer activity is undisturbed. If a timer interrupt is generated, the
DSP56303 leaves the wait state and services the interrupt.
„ Timer behavior during stop. During execution of the stop instruction, the timer clocks are
disabled, timer activity stops, and the TIO signals are disconnected. Any external changes
that happen to the TIO signals are ignored when the DSP56303 is in stop state. To ensure
correct operation, disable the timers before the DSP56303 is placed in stop state.
9.3.6 DMA Trigger
Each timer can also trigger DMA transfers if a DMA channel is programmed to be triggered by a
timer event. The timer issues a DMA trigger on every event in all modes of operation. To ensure
that all DMA triggers are serviced, provide for the preceding DMA trigger to be serviced before
the DMA channel receives the next trigger.
9.4 Triple Timer Module Programming Model
The timer programming model in Figure 9-20 shows the structure of the timer registers.
9.4.1 Prescaler Counter
The prescaler counter is a 21-bit counter that decrements on the rising edge of the prescaler input
clock. The counter is enabled when at least one of the three timers is enabled (that is, one or more
of the timer enable bits are set) and is using the prescaler output as its source (that is, one or more
of the PCE bits are set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com