Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 203 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 203 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 199Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 200Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 201Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 202Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 203Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 204Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 205Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 206Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 207Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 292 page
background image
Operating Modes
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
9-11
9.3.2 Signal Measurement Modes
The following signal measurement and pulse width modulation modes are provided:
„ Measurement input width (Mode 4)
„ Measurement input period (Mode 5)
„ Measurement capture (Mode 6)
„ Pulse width modulation (PWM) mode (Mode 7)
The external signal synchronizes with the internal clock that increments the counter. This
synchronization process can cause the number of clocks measured for the selected signal value to
vary from the actual signal value by plus or minus one counter clock cycle.
Figure 9-10. Event Counter Mode, TRM = 0
Mode 3 (internal clock): TRM = 0
N = write preload
M = write compare
TE
(TIO pin or prescale CLK)
TLR
TCPR
TCF (Compare Interrupt if TCIE = 1)
first event
M
N
if clock source is from TIO pin,
TIO < CPUCLK + 4
Clock
1
Counter (TCR)
0N
N + 1
M
0
M + 1
TOF (Overflow Interrupt if TCIE = 1)
NOTE: If INV = 1, counter is clocked on 1-to-0 clock transitions, instead of 0-to-1 transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com