Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 199 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 199 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 195Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 196Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 197Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 198Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 199Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 200Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 201Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 202Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 203Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 292 page
background image
Operating Modes
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
9-7
9.3.1.2 Timer Pulse (Mode 1)
In Mode 1, the timer generates an external pulse on its TIO signal when the timer count reaches a
pre-set value. The TIO signal is loaded with the value of the TCSR[INV] bit. When the counter
matches the TCPR value, TCSR[TCF] is set and a compare interrupt is generated if the
TCSR[TCIE] bit is set. The polarity of the TIO signal is inverted for one timer clock period. If
TCSR[TRM] is set, the counter is loaded with the TLR value on the next timer clock and the
count is resumed. If TCSR[TRM] is cleared, the counter continues to increment on each timer
clock. This process repeats until TCSR[TE] is cleared (disabling the timer).
The TLR value in the TCPR sets the delay between starting the timer and generating the output
pulse. To generate successive output pulses with a delay of X clock cycles between signals, set
the TLR value to X/2 and set the TCSR[TRM] bit. This process repeats until the timer is
disabled.
Bit Settings
Mode Characteristics
TC3
TC2
TC1
TC0
Mode
Name
Function
TIO
Clock
0001
1
Timer Pulse
Timer
Output
Internal
Figure 9-5. Pulse Mode (TRM = 1)
Mode 1 (internal clock): TRM = 1
N = write preload
M = write compare
TE
Clock
(CLK/2 or prescale CLK)
TLR
TCPR
TCF (Compare Interrupt if TCIE = 1)
Counter (TCR)
first event
M
0
N
N + 1
M
N
N + 1
N
pulse width =
timer clock
period
TIO pin (INV = 0)
TIO pin (INV = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com