Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 195 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 195 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 191Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 192Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 193Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 194Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 195Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 196Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 197Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 198Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 199Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 292 page
background image
Operation
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
9-3
9.2 Operation
This section discusses the following timer basics:
„ Reset
„ Initialization
„ Exceptions
9.2.1 Timer After Reset
A hardware RESET signal or software reset instruction clears the Timer Control and Status
Register for each timer, thus configuring each timer as a GPIO. A timer is active only if the timer
enable bit 0 (TCSR[TE]) in the specific timer TCSR is set.
9.2.2 Timer Initialization
To initialize a timer, do the following:
1.
Ensure that the timer is not active either by sending a reset or clearing the TCSR[TE]
bit.
2.
Configure the control register (TCSR) to set the timer operating mode. Set the interrupt
enable bits as needed for the application.
Figure 9-2. Timer Module Block Diagram
GDB
Control/Status
Register
TCSR
Counter
Timer interrupt/DMA request
Timer Control
CLK/2
TIO
Compare
Register
TCPR
=
24
24
Logic
Load
Register
Count
Register
TLR
Prescaler CLK
TCR
24
24
9
2
24
24
24
24
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com