Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 194 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 194 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 190Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 191Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 192Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 193Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 194Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 195Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 196Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 197Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 198Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
9-2
Freescale Semiconductor
Triple Timer Module
9.1.2 Individual Timer Block Diagram
Figure 9-2 shows the structure of an individual timer block. The DSP56303 treats each timer as a
memory-mapped peripheral with four registers occupying four 24-bit words in the X data
memory space. The three timers are identical in structure and function. Either standard polled or
interrupt programming techniques can be used to service the timers. A single, generic timer is
discussed in this chapter. Each timer includes the following:
„ 24-bit counter
„ 24-bit read/write Timer Control and Status Register (TCSR)
„ 24-bit read-only Timer Count Register (TCR)
„ 24-bit write-only Timer Load Register (TLR)
„ 24-bit read/write Timer Compare Register (TCPR)
„ Logic for clock selection and interrupt/DMA trigger generation.
The timer mode is controlled by the TC[3–0] bits which are TCSR[7–4]. For a listing of the timer
modes and descriptions of their operations, see Section 9.3, Operating Modes, on page 9-5.
Figure 9-1. Triple Timer Module Block Diagram
Timer Prescaler
Count Register
GDB
24
24
TPLR
24
Timer 0
Timer 2
Timer 1
24-bit Counter
CLK/2
TIO0 TIO1 TIO2
TPCR
Timer Prescaler
Load Register
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com