Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 190 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 190 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 186Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 187Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 188Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 189Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 190Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 191Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 192Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 193Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 194Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
8-22
Freescale Semiconductor
Serial Communication Interface (SCI)
addresses. If SCKP is set and SSHTD is set, SCI Synchronous mode is equivalent to the SSI
operation in 8-bit data on-demand mode.
Note:
When data is written to a peripheral device, there is a two-cycle pipeline delay until
any status bits affected by this operation are updated. If you read any of those status
bits within the next two cycles, the bit does not reflect its current status. For details see
the DSP56300 Family Manual.
8.7 GPIO Signals and Registers
Three registers control the GPIO functionality of the SCI pins: Port E control register (PCRE),
Port E direction register (PRRE) and Port E data register (PDRE).
8.7.1 Port E Control Register (PCRE)
The read/write PCRE controls the functionality of SCI GPIO signals. Each of the PCRE[2–0] bits
controls the functionality of the corresponding port signal. When a PCRE[i] bit is set, the
corresponding port signal is configured as an SCI signal. When a PC[i] bit is cleared, the
corresponding port signal is configured as a GPIO signal. A hardware RESET signal or a software
RESET instruction clears all PCRE bits.
8.7.2 Port E Direction Register (PRRE)
The read/write PRRE controls the direction of SCI GPIO signals. When port signal[i] is
configured as GPIO, PRRE[i] controls the port signal direction. When PRRE[i] is set, the GPIO
port signal[i] is configured as output. When PRRE[i] is cleared, the GPIO port signal[i] is
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
PE2/
SCLK
PE1/
TXD
PE0/
RXD
Note:
For bits 2–0, a 0 selects PEn as the signal and a 1 selects the specified SCI signal.
= Reserved. Read as zero. Write to zero for future compatibility.
Figure 8-8. Port E Control Register (PCRE X:$FFFF9F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com