Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 186 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 186 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 182Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 183Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 184Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 185Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 186Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 187Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 188Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 189Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 190Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
8-18
Freescale Semiconductor
Serial Communication Interface (SCI)
The SCI clock determines the data transmission (baud) rate and can also establish a periodic
interrupt that can act as an event timer or be used in any other timing function. Bits CD11– CD0,
SCP, and SCR[STIR] work together to determine the time base. If SCR[TMIE] = 1 when the
periodic time-out occurs, the SCI timer interrupt is recognized and pending. The SCI timer
interrupt is automatically cleared when the interrupt is serviced. This interrupt occurs every time
the periodic timer times out.
Figure 8-5 shows the block diagram of the internal clock generation circuitry with the formula to
compute the bit rate when the internal clock is used.
As noted in Section 8.6.1, the SCI can be configured to operate in a single Synchronous mode or
one of five Asynchronous modes. Synchronous mode requires that the TX and RX clocks use the
same source, but that source may be the internal SCI clock if the SCI is configured as a master
device or an external clock if the SCI is configured as a slave device. Asynchronous modes may
use clocks from the same source (internal or external) or different sources for the TX clock and
the RX clock.
For synchronous operation, the SCI uses a clock that is equal to the two times the desired bit rate
(designated as the 2
× clock) for both internal and external clock sources. It must use the same
source for both the TX and RX clock. The internal clock is used if the SCI is the master device
Figure 8-5. SCI Baud Rate Generator
Fcore
Divide
By 2
12-bit Counter
Prescaler:
Divide by
1 or 8
Internal Clock
SCI Core Logic
Uses Divide by 16 for
Asynchronous
Uses Divide by 2 for
Synchronous
COD
SCKP
If Asynchronous
Divide by 1 or 16
If Synchronous
Divide By 2
SCLK
Divide
By 2
Divide
by 16
Timer
Interrupt
(STMINT)
Fcore
bps = 64
× (7(SCP) + 1) × CD + 1)
where:
SCP = 0 or 1
CD = $000 to $FFF
STIR
SCKP = 0
+
SCKP = 1
-
CD[11–0]
SCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com