Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 179Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 180Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 181Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 182Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 183Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 184Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 185Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 186Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 292 page
background image
SCI Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
8-15
8.6.2 SCI Status Register (SSR)
The SSR is a read-only register that indicates the status of the SCI.
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
765
43
21
0
R8
FE
PE
OR
IDLE
RDRF
TDRE
TRNE
—Reserved bit; read as 0; write to 0 for future compatibility.
Table 8-3. SCI Status Register
Table 8-4. SCI Status Register (SSR) Bit Definitions
Bit
Number
Bit
Name
Reset
Value
Description
23–8
0
Reserved. Write to 0 for future compatibility.
7R80
Received Bit 8
In 11-bit Asynchronous Multidrop mode, the R8 bit indicates whether the received byte
is an address or data. R8 is set for addresses and is cleared for data. R8 is not affected
by reads of the SRX or SCI status register. A hardware RESET signal, a software
RESET instruction, an SCI individual reset, or a STOP instruction clears R8.
6FE0
Framing Error Flag
In Asynchronous mode, FE is set when no stop bit is detected in the data string
received. FE and RDRE are set simultaneously when the received word is transferred to
the SRX. However, the FE flag inhibits further transfer of data into the SRX until it is
cleared. FE is cleared when the SCI status register is read followed by a read of the
SRX. A hardware RESET signal, a software RESET instruction, an SCI individual reset,
or a STOP instruction clears FE. In 8-bit Synchronous mode, FE is always cleared. If the
byte received causes both framing and overrun errors, the SCI receiver recognizes only
the overrun error.
5PE0
Parity Error
In 11-bit Asynchronous modes, PE is set when an incorrect parity bit is detected in the
received character. PE and RDRF are set simultaneously when the received word is
transferred to the SRX. If PE is set, further data transfer into the SRX is not inhibited. PE
is cleared when the SCI status register is read, followed by a read of SRX. A hardware
RESET signal, a software RESET instruction, an SCI individual reset, or a STOP
instruction also clears PE. In 10-bit Asynchronous mode, 11-bit multidrop mode, and
8-bit Synchronous mode, the PE bit is always cleared since there is no parity bit in these
modes. If the byte received causes both parity and overrun errors, the SCI receiver
recognizes only the overrun error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com