Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 179 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 179 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 175Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 176Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 177Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 178Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 179Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 180Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 181Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 182Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 183Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 292 page
background image
SCI Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
8-11
.
23
22
21
20
19
18
17
16
REIE
15
14
13
12
11
10
9
8
SCKP
STIR
TMIE
TIE
RIE
ILIE
TE
RE
76543
210
WOMS
RWU
WAKE
SBK
SSFTD
WDS2
WDS1
WDS0
—Reserved bit; read as 0; write to 0 for future compatibility.
Figure 8-3. SCI Control Register (SCR)
Table 8-2. SCI Control Register (SCR) Bit Definitions
Bit
Number
Bit
Name
Reset
Value
Description
23–17
0
Reserved. Write to 0 for future compatibility.
16
REIE
0
Receive with Exception Interrupt Enable
Enables/disables the SCI receive data with exception interrupt. If REIE is cleared, the
receive data with exception interrupt is disabled. If both REIE and RDRF are set, and PE,
FE, and OR are not all cleared, the SCI requests an SCI receive data with exception
interrupt from the interrupt controller. Either a hardware RESET signal or a software
RESET instruction clears REIE.
15
SCKP
0
SCI Clock Polarity
Controls the clock polarity sourced or received on the clock signal (SCLK), eliminating
the need for an external inverter. When SCKP is cleared, the clock polarity is positive;
when SCKP is set, the clock polarity is negative. In Synchronous mode, positive polarity
means that the clock is normally positive and transitions negative during valid data.
Negative polarity means that the clock is normally negative and transitions positive
during valid data. In Asynchronous mode, positive polarity means that the rising edge of
the clock occurs in the center of the period that data is valid. Negative polarity means that
the falling edge of the clock occurs during the center of the period that data is valid.
Either a hardware RESET signal or a software RESET instruction clears SCKP.
14
STIR
0
Timer Interrupt Rate
Controls a divide-by-32 in the SCI Timer interrupt generator. When STIR is cleared, the
divide-by-32 is inserted in the chain. When STIR is set, the divide-by-32 is bypassed,
thereby increasing timer resolution by a factor of 32. Either a hardware RESET signal or
a software RESET instruction clears this bit. To ensure proper operation of the timer,
STIR must not be changed during timer operation (that is, if TMIE = 1).
13
TMIE
0
Timer Interrupt Enable
Enables/disables the SCI timer interrupt. If TMIE is set, timer interrupt requests are sent
to the interrupt controller at the rate set by the SCI clock register. The timer interrupt is
automatically cleared by the timer interrupt acknowledge from the interrupt controller.
This feature allows DSP programmers to use the SCI baud rate generator as a simple
periodic interrupt generator if the SCI is not in use, if external clocks are used for the SCI,
or if periodic interrupts are needed at the SCI baud rate. The SCI internal clock is divided
by 16 (to match the 1
× SCI baud rate) for timer interrupt generation. This timer does not
require that any SCI signals be configured for SCI use to operate. Either a hardware
RESET signal or a software RESET instruction clears TMIE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com