Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 177 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 177 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 173Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 174Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 175Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 176Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 177Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 178Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 179Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 180Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 181Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 292 page
background image
SCI Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
8-9
— SCI Transmit Data Address Register (STXA) in Figure 8-7
The SCI includes the GPIO functions described in Section 8.7, GPIO Signals and Registers, on
page 8-22. The next subsections describe the registers and their bits.
Figure 8-1. SCI Data Word Formats (SSFTD = 1), 1
Mode 0
8-bit Synchronous Data (Shift Register Mode)
TX
(SSFTD = 1)
One Byte From Shift Register
Mode 2
10-bit Asynchronous (1 Start, 8 Data, 1 Stop)
TX
(SSFTD = 1)
Start
Stop
Bit
Mode 4
11-bit Asynchronous (1 Start, 8 Data, 1 Even Parity, 1 Stop)
TX
(SSFTD = 1)
Start
Stop
Bit
Even
Parity
Mode 5
11-bit Asynchronous (1 Start, 8 Data, 1 Odd Parity, 1 Stop)
TX
(SSFTD = 1)
Start
D0 or
Data
Type
Stop
Bit
Odd
Parity
Mode 6
11-bit Asynchronous Multidrop (1 Start, 8 Data, 1 Data Type, 1 Stop)
TX
(SSFTD = 1)
Start
Stop
Bit
Data
Type
D7
D6
D5
D4
D3
D2
D1
D0
WDS2 WDS1 WDS0
00
0
• Modes 1, 3, and 7 are reserved.
• D0 = LSB; D7 = MSB
• Data is transmitted and received LSB first if SSFTD = 0, or MSB first if SSFTD
= 1
0 = Data Byte
Data Type: 1 = Address Byte
D0 or
Data
Type
D7
D6
D5
D4
D3
D2
D1
D7
D6
D5
D4
D3
D2
D1
D0 or
Data
Type
D7
D6
D5
D4
D3
D2
D1
D7
D6
D5
D4
D3
D2
D1
D0
WDS2 WDS1 WDS0
01
0
WDS2 WDS1 WDS0
10
0
WDS2 WDS1 WDS0
10
1
WDS2 WDS1 WDS0
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com