Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 173 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 173 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 169Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 170Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 171Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 172Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 173Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 174Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 175Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 176Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 177Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 292 page
background image
SCI After Reset
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
8-5
causing the SCI Status Register (SSR) to be reset. No other SCI registers are affected by
the STOP instruction.
Table 8-1 illustrates how each type of reset affects each register in the SCI.
Table 8-1. SCI Registers After Reset
Register
Bit Mnemonic
Bit Number
Reset Type
HW Reset
SW Reset
IR Reset
ST Reset
SCR
REIE
16
0
0
—
—
SCKP
15
0
0
—
—
STIR
14
0
0
—
—
TMIE
13
0
0
—
—
TIE
12
0
0
—
—
RIE
11
0
0
—
—
ILIE
10
0
0
—
—
TE
9
0
0
—
—
RE
8
0
0
—
—
WOMS
7
0
0
—
—
RWU
6
0
0
—
—
WAKE
5
0
0
—
—
SBK
4
0
0
—
—
SSFTD
3
0
0
—
—
WDS[2–0]
2–0
0
0
—
—
SSR
R8
FE
PE
OR
IDLE
RDRF
TDRE
TRNE
7
6
5
4
3
2
1
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
1
1
0
0
0
0
0
0
1
1
0
0
0
0
0
0
1
1
TCM
15
0
0
—
—
RCM
14
0
0
—
—
SCCR
SCP
13
0
0
—
—
COD
12
0
0
—
—
CD[11–0]
11–0
0
0
—
—
SRX
SRX[23–0]
23–16, 15–8, 7–0
—
—
—
—
STX
STX[23–0]
23–0
—
—
—
—
SRSH
SRS[8–0]
8–0
—
—
—
—
STSH
STS[8–0]
8–0
—
—
—
–
SRSH
SCI receive shift register, STSH—SCI transmit shift register
HW
Hardware reset is caused by asserting the external RESET signal.
SW
Software reset is caused by executing the RESET instruction.
IR
Individual reset is caused by clearing PCRE (bits 0–2) (configured for GPIO).
ST
Stop reset is caused by executing the STOP instruction.
1
The bit is set during this reset.
0
The bit is cleared during this reset.
—
The bit is not changed during this reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com