Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 170 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 170 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 166Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 167Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 168Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 169Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 170Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 171Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 172Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 173Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 174Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
8-2
Freescale Semiconductor
Serial Communication Interface (SCI)
compatible with the MC68681 DUART, the M68HC11 SCI interface, and the Intel 8051 serial
interface.
8.1.1 Synchronous Mode
Synchronous mode (SCR[WD2–0]=000, Shift Register mode) handles serial-to-parallel and
parallel-to-serial conversions. In Synchronous mode, the clock is always common to the transmit
and receive shift registers. As a controller (synchronous master), the DSP puts out a clock on the
SCLK
pin. To select master mode, choose the internal transmit and receive clocks (set TCM and
RCM=0).
As a peripheral (synchronous slave), the DSP accepts an input clock from the SCLK pin. To select
the slave mode, choose the external transmit and receive clocks (TCM and RCM=1). Since there
is no frame signal, if a clock is missed because of noise or any other reason, the receiver loses
synchronization with the data without any error signal being generated. You can detect an error
of this type with an error detecting protocol or with external circuitry such as a watchdog timer.
The simplest way to recover synchronization is to reset the SCI.
8.1.2 Asynchronous Mode
Asynchronous data uses a data format with embedded word sync, which allows an
unsynchronized data clock to be synchronized with the word if the clock rate and number of bits
per word is known. Thus, the clock can be generated by the receiver rather than requiring a
separate clock signal. The transmitter and receiver both use an internal clock that is 16 times the
data rate to allow the SCI to synchronize the data. The data format requires that each data byte
have an additional start bit and stop bit. Also, two of the word formats have a parity bit. The
Multidrop mode used when SCIs are on a common bus has an additional data type bit. The SCI
can operate in full-duplex or half-duplex modes since the transmitter and receiver are
independent.
8.1.3 Multidrop Mode
Multidrop is a special case of asynchronous data transfer. The key difference is that a protocol
allows networking transmitters and receivers on a single data-transmission line. Inter-processor
messages in a multidrop network typically begin with a destination address. All receivers check
for an address match at the start of each message. Receivers with no address match can ignore the
remainder of the message and use a wakeup mode to enable the receiver at the start of the next
message. Receivers with an address match can receive the message and optionally transmit an
acknowledgment to the sender. The particular message format and protocol used are determined
by the user’s software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com