Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 174 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 174 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 170Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 171Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 172Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 173Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 174Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 175Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 176Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 177Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 178Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
8-6
Freescale Semiconductor
Serial Communication Interface (SCI)
8.4 SCI Initialization
The SCI is initialized as follows:
1.
Ensure that the SCI is in its individual reset state (PCRE = $0). Use a hardware RESET
signal or software RESET instruction.
2.
Program the SCI control registers.
3.
Configure at least one SCI signal as an SCI signal.
If interrupts are to be used, the signals must be selected, and global interrupts must be enabled
and unmasked before the SCI can operate. The order does not matter; any one of these three
requirements for interrupts can enable the SCI, but the interrupts should be unmasked last (that is,
I[1–0] bits in the Status Register (SR) should be changed last). Synchronous applications usually
require exact frequencies, so the crystal frequency must be chosen carefully. An alternative to
selecting the system clock to accommodate the SCI requirements is to provide an external clock
to the SCI. When the SCI is configured in Synchronous mode, internal clock, and all the SCI pins
are simultaneously enabled, an extra pulse of one DSP clock length is provided on the SCLK pin.
There are two workarounds for this issue:
„ Enable an SCI pin other than SCLK.
„ In the next instruction, enable the remaining SCI pins, including the SCLK pin.
Following is an example of one way to initialize the SCI:
1.
Ensure that the SCI is in its individual reset state (PCRE = $0).
2.
Configure the control registers (SCR, SCCR) according to the operating mode, but do
not enable transmitter (TE = 0) or receiver (RE = 0).
Note:
It is now possible to set the interrupts enable bits that are used during the operation. No
interrupt occurs yet.
3.
Enable the SCI by setting the PCRE bits according to which signals are used during
operation.
4.
If transmit interrupt is not used, write data to the transmitter.
Note:
If transmitter interrupt enable is set, an interrupt is issued and the interrupt handler
should write data into the transmitter. The DMA channel services the SCI transmit
request if it is programmed to service the SCI transmitter.
5.
Enable transmitters (TE = 1) and receiver (RE = 1) according to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com