Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 178 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 178 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 174Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 175Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 176Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 177Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 178Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 179Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 180Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 181Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 182Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
8-10
Freescale Semiconductor
Serial Communication Interface (SCI)
8.6.1 SCI Control Register (SCR)
The SCR is a read/write register that controls the serial interface operation.
Figure 8-2. SCI Data Word Formats (SSFTD = 0), 2
Mode 0
8-bit Synchronous Data (Shift Register Mode)
TX
(SSFTD = 0)
One Byte From Shift Register
Mode 2
10-bit Asynchronous (1 Start, 8 Data, 1 Stop)
TX
(SSFTD = 0)
D7 or
Data
Type
Stop
Bit
Mode 4
11-bit Asynchronous (1 Start, 8 Data, 1 Even Parity, 1 Stop)
TX
(SSFTD = 0)
D7 or
Data
Type
Stop
Bit
Even
Parity
Mode 5
11-bit Asynchronous (1 Start, 8 Data, 1 Odd Parity, 1 Stop)
TX
(SSFTD = 0)
Start
Bit
D7 or
Data
Type
Stop
Bit
Odd
Parity
Mode 6
11-bit Asynchronous Multidrop (1 Start, 8 Data, 1 Data Type, 1 Stop)
TX
(SSFTD = 0)
Start
Bit
Stop
Bit
Data
Type
• Modes 1, 3, and 7 are reserved.
• D0 = LSB; D7 = MSB.
• Data is transmitted and received LSB first if SSFTD = 0,
or MSB first if SSFTD = 1.
D0
D1
D2
D3
D4
D5
D6
D7
01
0
D0
D1
D2
D3
D4
D5
D6
WDS2 WDS1 WDS0
00
0
10
0
D0
D1
D2
D3
D4
D5
D6
D0
D1
D2
D3
D4
D5
D6
Start
Bit
WDS2 WDS1 WDS0
Start
Bit
WDS2 WDS1 WDS0
10
1
WDS2 WDS1 WDS0
D0
D1
D2
D3
D4
D5
D6
D7
11
0
WDS2 WDS1 WDS0
0 = Data Byte
Data Type: 1 = Address Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com