Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 181 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 181 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 177Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 178Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 179Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 180Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 181Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 182Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 183Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 184Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 292 page
background image
SCI Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
8-13
8RE
0
Receiver Enable
When RE is set, the receiver is enabled. When RE is cleared, the receiver is disabled,
and data transfer from the receive shift register to the receive data register (SRX) is
inhibited. If RE is cleared while a character is being received, the reception of the
character completes before the receiver is disabled. RE does not inhibit RDRF or receive
interrupts. Either a hardware RESET signal or a software RESET instruction clears RE.
7WOMS0
Wired-OR Mode Select
When WOMS is set, the SCI TXD driver is programmed to function as an open-drain
output and can be wired together with other TXD signals in an appropriate bus
configuration, such as a master-slave multidrop configuration. An external pullup resistor
is required on the bus. When WOMS is cleared, the TXD signal uses an active internal
pullup. Either a hardware RESET signal or a software RESET instruction clears WOMS.
6RWU
0
Receiver Wakeup Enable
When RWU is set and the SCI is in Asynchronous mode, the wakeup function is enabled;
that is, the SCI is asleep and can be awakened by the event defined by the WAKE bit. In
Sleep state, all interrupts and all receive flags except IDLE are disabled. When the
receiver wakes up, RWU is cleared by the wakeup hardware. You can also clear the
RWU bit to wake up the receiver. You can use RWU to ignore messages that are for
other devices on a multidrop serial network. Wakeup on idle line (i. e., WAKE is cleared)
or wakeup on address bit (i. e., WAKE is set) must be chosen. When WAKE is cleared
and RWU is set, the receiver does not respond to data on the data line until an idle line is
detected. When WAKE is set and RWU is set, the receiver does not respond to data on
the data line until a data frame with Bit 9 set is detected.
When the receiver wakes up, the RWU bit is cleared, and the first frame of data is
received. If interrupts are enabled, the CPU is interrupted and the interrupt routine reads
the message header to determine whether the message is intended for this DSP. If the
message is for this DSP, the message is received, and RWU is set to wait for the next
message. If the message is not for this DSP, the DSP immediately sets RWU. Setting
RWU causes the DSP to ignore the remainder of the message and wait for the next
message. Either a hardware RESET signal or a software RESET instruction clears RWU.
RWU is ignored in Synchronous mode.
5
WAKE
0
Wakeup Mode Select
When WAKE is cleared, the wakeup on Idle Line mode is selected. In the wakeup on idle
line mode, the SCI receiver is re-enabled by an idle string of at least 10 or 11 (depending
on WDS mode) consecutive ones. The transmitter’s software must provide this idle string
between consecutive messages. The idle string cannot occur within a valid message
because each word frame there contains a start bit that is 0.
When WAKE is set, the wakeup on address bit mode is selected. In the wakeup on
address bit mode, the SCI receiver is re-enabled when the last (eighth or ninth) data bit
received in a character (frame) is 1. The ninth data bit is the address bit (R8) in the 11-bit
multidrop mode; the eighth data bit is the address bit in the 10-bit asynchronous and
11-bit asynchronous with parity modes. Thus, the received character is an address that
has to be processed by all sleeping processors—that is, each processor has to compare
the received character with its own address and decide whether to receive or ignore all
following characters.
Table 8-2. SCI Control Register (SCR) Bit Definitions (Continued)
Bit
Number
Bit
Name
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com