Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 185 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 185 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 181Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 182Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 183Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 184Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 185Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 186Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 187Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 188Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 189Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 292 page
background image
SCI Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
8-17
8.6.3 SCI Clock Control Register (SCCR)
The SCCR is a read/write register that controls the selection of clock modes and baud rates for
the transmit and receive sections of the SCI interface. The SCCR is cleared by a hardware RESET
signal.
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
TCM
RCM
SCP
COD
CD11
CD10
CD9
CD8
7
6
54321
0
CD7
CD6
CD5
CD4
CD3
CD2
CD1
CD0
Reserved. Read as 0. Write to 0 for future compatibility.
Figure 8-4. SCI Clock Control Register (SCCR)
Table 8-5. SCI Clock Control Register (SCCR) Bit Definitions
Bit
Number
Bit Name
Reset
Value
Description
23–16
0
Reserved. Write to 0 for future compatibility.
15
TCM
0
Transmit Clock Source
Selects whether an internal or external clock is used for the transmitter. If TCM is cleared,
the internal clock is used. If TCM is set, the external clock (from the SCLK signal) is used.
14
RCM
0
Receive Clock Mode Source
Selects whether an internal or external clock is used for the receiver. If RCM is cleared, the
internal clock is used. If RCM is set, the external clock (from the SCLK signal) is used.
TCM
RCM
TX Clock
RX Clock
SCLK
Mode
0
0
Internal
Internal
Output
Synchronous/asynchronous
0
1
Internal
External
Input
Asynchronous only
1
0
External
Internal
Input
Asynchronous only
1
1
External
External
Input
Synchronous/asynchronous
13
SCP
0
Clock Prescaler
Selects a divide by 1 (SCP is cleared) or divide by 8 (SCP is set) prescaler for the clock
divider. The output of the prescaler is further divided by 2 to form the SCI clock.
12
COD
0
Clock Out Divider
The clock output divider is controlled by COD and the SCI mode. If the SCI mode is
synchronous, the output divider is fixed at divide by 2. If the SCI mode is asynchronous,
either:
• If COD is cleared and SCLK is an output (that is, TCM and RCM are both cleared), then
the SCI clock is divided by 16 before being output to the SCLK signal. Thus, the SCLK
output is a 1
× clock.
• If COD is set and SCLK is an output, the SCI clock is fed directly out to the SCLK signal.
Thus, the SCLK output is a 16
× baud clock.
11–0
CD[11–0]
0
Clock Divider
Specifies the divide ratio of the prescale divider in the SCI clock generator. A divide ratio
from 1 to 4096 (CD[11–0] = $000 to $FFF) can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com