Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 189 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 189 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 185Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 186Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 187Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 188Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 189Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 190Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 191Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 192Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 193Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 292 page
background image
SCI Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
8-21
In Asynchronous mode, the start bit, the eight data bits, the address/data indicator bit or the parity
bit, and the stop bit are received, respectively. Data bits are sent LSB first if SSFTD is cleared,
and MSB first if SSFTD is set. In Synchronous mode, a gated clock provides synchronization. In
either Synchronous or Asynchronous mode, when a complete word is clocked in, the contents of
the shift register can be transferred to the SRX and the flags; RDRF, FE, PE, and OR are changed
appropriately. Because the operation of the receive shift register is transparent to the DSP, the
contents of this register are not directly accessible to the programmer.
8.6.4.2 SCI Transmit Register (STX)
The transmit data register is a one-byte-wide register mapped into four addresses as STXL,
STXM, STXH, and STXA. In Asynchronous mode, when data is to be transmitted, STXL,
STXM, and STXH are used. When STXL is written, the low byte on the data bus is transferred to
the STX. When STXM is written, the middle byte is transferred to the STX. When STXH is
written, the high byte is transferred to the STX. This structure makes it easy for the programmer
to unpack the bytes in a 24-bit word for transmission. TDXA should be written in 11-bit
asynchronous multidrop mode when the data is an address and the programmer wants to set the
ninth bit (the address bit). When STXA is written, the data from the low byte on the data bus is
stored in it. The address data bit is cleared in 11-bit asynchronous multidrop mode when any of
STXL, STXM, or STXH is written. When either STX (STXL, STXM, or STXH) or STXA is
written, TDRE is cleared.
The transfer from either STX or STXA to the transmit shift register occurs automatically, but not
immediately, after the last bit from the previous word is shifted out; that is, the transmit shift
register is empty. Like the receiver, the transmitter is double-buffered. However, a delay of two
to four serial clock cycles occurs between when the data is transferred from either STX or STXA
to the transmit shift register and when the first bit appears on the TXD signal. (A serial clock cycle
is the time required to transmit one data bit.)
The transmit shift register is not directly addressable, and there is no dedicated flag for this
register. Because of this fact and the two- to four-cycle delay, two bytes cannot be written
consecutively to STX or STXA without polling, because the second byte might overwrite the first
byte. Thus, you should always poll the TDRE flag prior to writing STX or STXA to prevent
overruns unless transmit interrupts are enabled. Either STX or STXA is usually written as part of
the interrupt service routine. An interrupt is generated only if TDRE is set. The transmit shift
register is indirectly visible via the SSR[TRNE] bit.
In Synchronous mode, data is synchronized with the transmit clock. That clock can have either an
internal or external source, as defined by the TCM bit in the SCCR. The length and format of the
serial word is defined by the WDS0, WDS1, and WDS2 control bits in the SCR. In
Asynchronous mode, the start bit, the eight data bits (with the LSB first if SSFTD = 0 and the
MSB first if SSFTD = 1), the address/data indicator bit or parity bit, and the stop bit are
transmitted in that order. The data to be transmitted can be written to any one of the three STX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com