Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 193 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 193 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 189Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 190Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 191Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 192Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 193Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 194Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 195Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 196Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 197Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
9-1
Triple Timer Module
9
The timers in the DSP56303 internal triple timer module act as timed pulse generators or as
pulse-width modulators. Each timer has a single signal that can function as a GPIO signal or as a
timer signal. Each timer can also function as an event counter to capture an event or to measure
the width or period of a signal.
9.1 Overview
The timer module contains a common 21-bit prescaler and three independent and identical
general-purpose 24-bit timer/event counters, each with its own register set. Each timer has the
following capabilities:
„ Uses internal or external clocking
„ Interrupts the DSP56303 after a specified number of events (clocks) or signals an external
device after counting internal events
„ Triggers DMA transfers after a specified number of events (clocks) occurs
„ Connects to the external world through one bidirectional signal, designated
TIO[0– 2]
for timers 0–2.
When TIO is configured as an input, the timer functions as an external event counter or measures
external pulse width/signal period. When TIO is configured as an output, the timer functions as a
timer, a watchdog timer, or a pulse-width modulator. When the timer does not use TIO, it can be
used as a GPIO signal (also called TIO[0–2]).
9.1.1 Triple Timer Module Block Diagram
Figure 9-1 shows a block diagram of the triple timer module. This module includes a 24-bit
Timer Prescaler Load Register (TPLR), a 24-bit Timer Prescaler Count Register (TPCR), and
three timers. Each timer can use the prescaler clock as its clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com