Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 191 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 191 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 187Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 188Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 189Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 190Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 191Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 192Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 193Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 194Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 195Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 292 page
background image
GPIO Signals and Registers
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
8-23
configured as input. A hardware RESET signal or a software RESET instruction clears all PRRE
bits.
8.7.3 Port E Data Register (PDRE)
Bits 2–0 of the read/write 24-bit PDRE writes data to or reads data from the associated SCI signal
lines when configured as GPIO signals. If a port signal PE[i] is configured as an input (GPI), the
corresponding PDRE[i] bit reflects the value present on the input signal line. If a port signal PE[i]
is configured as an output (GPO), a value written to the corresponding PDRE[i] bit is reflected as
a value on the output signal line. Either a hardware RESET signal or a software RESET
instruction clears all PDR bits.
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
PRRE2
PRRE1
PRRE0
Note:
For bits 2–0, a 0 configures PEn as a GPI and a 1 configures PEn as a GPO. For the SCI, the GPIO signals are
PE[2–0]. The corresponding direction bits for Port E GPIOs are PRRE[2–0].
= Reserved. Read as zero. Write with zero for future compatibility.
Figure 8-9. Port E Direction Register (PRRE X:$FFFF9E)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98
7654
3210
PDRE2
PDRE1
PDRE0
Note:
For bits 2–0, the value represents the level that is written to or read from the associated signal line if enabled as a
GPIO signal by the PCRE bits. For SCI, the GPIO signals are PE[2–0]. The corresponding data bits are PDRE[2–0].
= Reserved. Read as zero. Write with zero for future compatibility.
Figure 8-10. Port Data Registers (PDRE X:$FFFF9D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com