Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 188 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 188 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 184Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 185Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 186Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 187Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 188Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 189Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 190Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 191Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 192Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
8-20
Freescale Semiconductor
Serial Communication Interface (SCI)
8.6.4.1 SCI Receive Register (SRX)
Data bits received on the RXD signal are shifted into the SCI receive shift register. When a
complete word is received, the data portion of the word is transferred to the byte-wide SRX. This
process converts serial data to parallel data and provides double buffering. Double buffering
promotes flexibility and increased throughput since the programmer can save (and process) the
previous word while the current word is being received.
The SRX can be read at three locations as SRXL, SRXM, and SRXH. When SRXL is read, the
contents of the SRX are placed in the lower byte of the data bus and the remaining bits on the
data bus are read as zeros. Similarly, when SRXM is read, the contents of SRX are placed into the
middle byte of the bus, and when SRXH is read, the contents of SRX are placed into the high
byte with the remaining bits are read as 0s. This way of mapping SRX efficiently packs three
bytes into one 24-bit word by ORing three data bytes read from the three addresses.
The SCR WDS0, WDS1, and WDS2 control bits define the length and format of the serial word.
The SCR receive clock mode (RCM) defines the clock source.
Figure 8-7. SCI Programming Model—Data Registers
SRX
SRX
SRX
RXD
SCI Receive Data Shift Register
Note: SRX is the same register decoded at three different addresses.
STX
STX
STX
TXD
SCI Transmit Data Shift Register
Note: Bytes are masked on the fly.
STX is the same register decoded at four different addresses.
STXA
(a) Receive Data Register
(b) Transmit Data Register
SCI Receive Data Register High (Read Only)
SCI Receive Data Register Middle (Read Only)
SCI Receive Data Register Low (Read Only)
0
7
8
15
16
23
0
7
8
15
16
23
0
7
8
15
16
23
SCI Transmit Data Register High (Write Only)
SCI Transmit Data Register Middle (Write Only)
SCI Transmit Data Register Low (Write Only)
SCI Transmit Data Address Register (Write Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com