Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 182 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 182 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 178Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 179Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 180Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 181Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 182Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 183Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 184Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 185Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 186Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
8-14
Freescale Semiconductor
Serial Communication Interface (SCI)
4
SBK
0
Send Break
A break is an all-zero word frame—a start bit 0, characters of all zeros (including any
parity), and a stop bit 0 (that is, ten or eleven zeros, depending on the mode selected). If
SBK is set and then cleared, the transmitter finishes transmitting the current frame,
sends 10 or 11 0s, and reverts to idle or sending data. If SBK remains set, the transmitter
continually sends whole frames of 0s (10 or 11 bits with no stop bit). At the end of the
break code, the transmitter sends at least one high (set) bit before transmitting any data
to guarantee recognition of a valid start bit. Break can signal an unusual condition,
message, and so on, by forcing a frame error; the frame error is caused by a missing
stop bit.
3
SSFTD
0
SCI Shift Direction
Determines the order in which the SCI data shift registers shift data in or out: MSB first
when set, LSB first when cleared. The parity and data type bits do not change their
position in the frame, and they remain adjacent to the stop bit.
2–0
WDS
0
Word Select
Select the format of transmitted and received data. Asynchronous modes are compatible
with most UART-type serial devices, and they support standard RS-232 communication
links. Multidrop Asynchronous mode is compatible with the MC68681 DUART, the
M68HC11 SCI interface, and the Intel 8051 serial interface. Synchronous data mode is
essentially a high-speed shift register for I/O expansion and stream-mode channel
interfaces. You can synchronize data by using a gated transmit and receive clock
compatible with the Intel 8051 serial interface mode 0. When odd parity is selected, the
transmitter counts the number of ones in the data word. If the total is not an odd number,
the parity bit is set, thus producing an odd number. If the receiver counts an even number
of ones, an error in transmission has occurred. When even parity is selected, an even
number must result from the calculation performed at both ends of the line, or an error in
transmission has occurred.
WDS2
WDS1
WDS0
Mode
Word Formats
00
0
0
8-Bit Synchronous Data (shift register mode)
00
1
1
Reserved
01
0
2
10-Bit Asynchronous (1 start, 8 data, 1 stop)
11
1
3
Reserved
10
0
4
11-Bit Asynchronous
(1 start, 8 data, 1 even parity, 1 stop)
10
1
5
11-Bit Asynchronous
(1 start, 8 data, 1 odd parity, 1 stop)
11
0
6
11-Bit Multidrop Asynchronous
(1 start, 8 data, 1 data type, 1 stop)
01
1
7
Reserved
Table 8-2. SCI Control Register (SCR) Bit Definitions (Continued)
Bit
Number
Bit
Name
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com