Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 175 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 175 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 171Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 172Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 173Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 174Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 175Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 176Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 177Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 178Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 292 page
background image
SCI Initialization
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
8-7
Operation starts as follows:
„ For an internally-generated clock, the SCLK signal starts operation immediately after the
SCI is enabled (Step 3 above) for Asynchronous modes. In Synchronous mode, the SCLK
signal is active only while transmitting (that is, a gated clock).
„ Data is received only when the receiver is enabled (RE = 1) and after the occurrence of the
SCI receive sequence on the RXD signal, as defined by the operating mode (that is, idle line
sequence).
„ Data is transmitted only after the transmitter is enabled (TE = 1), and after the
initialization sequence has been transmitted (depending on the operating mode).
8.4.1 Preamble, Break, and Data Transmission Priority
Two or three transmission commands can be set simultaneously:
„ A preamble (TE is set.)
„ A break (SBK is set or is cleared.)
„ An indication that there is data for transmission (TDRE is cleared.)
After the current character transmission, if two or more of these commands are set, the
transmitter executes them in the following order: preamble, break, data.
8.4.2 Bootstrap Loading Through the SCI (Boot Mode $2 or RA)
When the DSP comes out of reset, it checks the MODD, MODC, MODB, and MODA pins and
sets the corresponding mode bits in the Operating Mode Register (OMR). If the mode bits are
write to 0010 or 1010, respectively, the DSP loads the program RAM from the SCI.
Appendix A‚ Bootstrap Program shows the complete bootstrap code. This program performs
the following steps:
1.
Configures the SCI.
2.
Loads the program size.
3.
Loads the location where the program begins loading in program memory.
4.
Loads the program.
First, the SCI Control Register is set to $000302, which enables the transmitter and receiver and
configures the SCI for 10 bits asynchronous with one start bit, 8 data bits, one stop bit, and no
parity. Next, the SCI Clock Control Register is set to $00C000, which configures the SCI to use
external receive and transmit clocks from the SCLK pin input. This external clock must be 16
times the desired serial data rate.
The next step is to receive the program size and then the starting address to load the program.
These two numbers are three bytes each loaded least significant byte first. Each byte is echoed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com