Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 176 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 176 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 172Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 173Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 174Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 175Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 176Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 177Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 178Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 179Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 180Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
8-8
Freescale Semiconductor
Serial Communication Interface (SCI)
back as it is received. After both numbers are loaded, the program size is in A0 and the starting
address is in A1.
The program is then loaded one byte at a time, least significant byte first. After the program is
loaded, the operating mode is set to zero, the CCR is cleared, and the DSP begins execution with
the first instruction loaded.
8.5 Exceptions
The SCI can cause five different exceptions in the DSP, discussed here from the highest to the
lowest priority:
1.
SCI receive data with exception status occurs when the receive data register is full with
a receiver error (parity, framing, or overrun error). To clear the pending interrupt, read
the SCI status register; then read SRX. Use a long interrupt service routine to handle the
error condition. This interrupt is enabled by SCR[16] (REIE).
2.
SCI receive data occurs when the receive data register is full. Read SRX to clear the
pending interrupt. This error-free interrupt can use a fast interrupt service routine for
minimum overhead. This interrupt is enabled by SCR[11] (RIE).
3.
SCI transmit data occurs when the transmit data register is empty. Write STX to clear
the pending interrupt. This error-free interrupt can use a fast interrupt service routine for
minimum overhead. This interrupt is enabled by SCR[12] (TIE).
4.
SCI idle line occurs when the receive line enters the idle state (10 or 11 bits of ones).
This interrupt is latched and then automatically reset when the interrupt is accepted.
This interrupt is enabled by SCR[10] (ILIE).
5.
SCI timer occurs when the baud rate counter reaches zero. This interrupt is
automatically reset when the interrupt is accepted. This interrupt is enabled by SCR[13]
(TMIE).
8.6 SCI Programming Model
The SCI programming model can be viewed as three types of registers:
„ Control
— SCI Control Register (SCR) in Figure 8-3
— SCI Clock Control Register (SCCR) in Figure 8-4
„ Status
— SCI Status Register (SSR) in Figure 8-3
„ Data transfer
— SCI Receive Data Registers (SRX) in Figure 8-7
— SCI Transmit Data Registers (STX) in Figure 8-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com