Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 168Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 169Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 170Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 171Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 172Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 173Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 174Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 175Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
8-4
Freescale Semiconductor
Serial Communication Interface (SCI)
8.2.1 Receive Data (RXD)
This input signal receives byte-oriented serial data and transfers the data to the SCI receive shift
register. Asynchronous input data is sampled on the positive edge of the receive clock (1
× SCLK)
if the SCI Clock Polarity (SCKP) bit is cleared. RXD can be configured as a GPIO signal (PE0)
when the SCI RXD function is not in use.
8.2.2 Transmit Data (TXD)
This output signal transmits serial data from the SCI transmit shift register. Data changes on the
negative edge of the asynchronous transmit clock (SCLK) if SCKP is cleared. This output is stable
on the positive edge of the transmit clock. TXD can be programmed as a GPIO signal (PE1) when
the SCI TXD function is not in use.
8.2.3 SCI Serial Clock (SCLK)
This bidirectional signal provides an input or output clock from which the transmit and/or receive
baud rate is derived in Asynchronous mode and from which data is transferred in Synchronous
mode. SCLK can be programmed as a GPIO signal (PE2) when the SCI SCLK function is not in use.
This signal can be programmed as PE2 when data is being transmitted on TXD, since the clock
does not need to be transmitted in Asynchronous mode. Because SCLK is independent of SCI data
I/O, there is no connection between programming the PE2 signal as SCLK and data coming out the
TXD
signal.
8.3 SCI After Reset
There are several different ways to reset the SCI:
„ Hardware RESET signal
„ Software RESET instruction:
Both hardware and software resets clear the port control register bits, which configure all
I/O as GPIO input. The SCI remains in the Reset state as long as all SCI signals are
programmed as GPIO (PC2, PC1, and PC0 all are cleared); the SCI becomes active only
when at least one of the SCI I/O signals is not programmed as GPIO.
„ Individual reset:
During program execution, the PC2, PC1, and PC0 bits can all be cleared (that is,
individually reset), causing the SCI to stop serial activity and enter the Reset state. All SCI
status bits are set to their reset state. However, the contents of the SCR remain unaffected
so the DSP program can reset the SCI separately from the other internal peripherals.
During individual reset, internal DMA accesses to the data registers of the SCI are not
valid, and the data is unknown.
„ Stop processing state reset (that is, the STOP instruction)
Executing the STOP instruction halts operation of the SCI until the DSP is restarted,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com